Electronic Components Datasheet Search
  English  ▼

X  

AD9754AR Datasheet(PDF) 15 Page - Analog Devices

Part # AD9754AR
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754AR Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9754AR Datasheet HTML 11Page - Analog Devices AD9754AR Datasheet HTML 12Page - Analog Devices AD9754AR Datasheet HTML 13Page - Analog Devices AD9754AR Datasheet HTML 14Page - Analog Devices AD9754AR Datasheet HTML 15Page - Analog Devices AD9754AR Datasheet HTML 16Page - Analog Devices AD9754AR Datasheet HTML 17Page - Analog Devices AD9754AR Datasheet HTML 18Page - Analog Devices AD9754AR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9754
–15–
REV. A
SINGLE-ENDED UNBUFFERED VOLTAGE OUTPUT
Figure 30 shows the AD9754 configured to provide a unipolar
output range of approximately 0 V to +0.5 V for a doubly termi-
nated 50
Ω cable since the nominal full-scale current, I
OUTFS, of
20 mA flows through the equivalent RLOAD of 25
Ω. In this case,
RLOAD represents the equivalent load resistance seen by IOUTA
or IOUTB. The unused output (IOUTA or IOUTB) can be
connected to ACOM directly or via a matching RLOAD. Different
values of IOUTFS and RLOAD can be selected as long as the posi-
tive compliance range is adhered to. One additional consider-
ation in this mode is the integral nonlinearity (INL) as discussed
in the Analog Output section of this data sheet. For optimum
INL performance, the single-ended, buffered voltage output
configuration is suggested.
AD9754
IOUTA
IOUTB 21
50
25
50
VOUTA = 0 TO +0.5V
IOUTFS = 20mA
22
Figure 30. 0 V to +0.5 V Unbuffered Voltage Output
SINGLE-ENDED BUFFERED VOLTAGE OUTPUT
CONFIGURATION
Figure 31 shows a buffered single-ended output configuration in
which the op amp U1 performs an I-V conversion on the AD9754
output current. U1 maintains IOUTA (or IOUTB) at a virtual
ground, thus minimizing the nonlinear output impedance effect
on the DAC’s INL performance as discussed in the Analog
Output section. Although this single-ended configuration typi-
cally provides the best dc linearity performance, its ac distortion
performance at higher DAC update rates may be limited by
U1’s slewing capabilities. U1 provides a negative unipolar
output voltage and its full-scale output voltage is simply the
product of RFB and IOUTFS. The full-scale output should be set
within U1’s voltage output swing capabilities by scaling IOUTFS
and/or RFB. An improvement in ac distortion performance may
result with a reduced IOUTFS since the signal current U1 will be
required to sink will be subsequently reduced.
AD9754
22
IOUTA
IOUTB 21
COPT
200
U1
VOUT = IOUTFS
RFB
IOUTFS = 10mA
RFB
200
Figure 31. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS, POWER
SUPPLY REJECTION
Many applications seek high speed and high performance under
less than ideal operating conditions. In these circuits, the imple-
mentation and construction of the printed circuit board design
is as important as the circuit design. Proper RF techniques must
be used for device selection, placement and routing as well as
power supply bypassing and grounding to ensure optimum
performance. Figures 39-44 illustrate the recommended printed
circuit board ground, power and signal plane layouts which are
implemented on the AD9754 evaluation board.
One factor that can measurably affect system performance is the
ability of the DAC output to reject dc variations or ac noise
superimposed on the analog or digital dc power distribution
(i.e., AVDD, DVDD). This is referred to as Power Supply
Rejection Ratio (PSRR). For dc variations of the power supply,
the resulting performance of the DAC directly corresponds to a
gain error associated with the DAC’s full-scale current, IOUTFS.
AC noise on the dc supplies is common in applications where
the power distribution is generated by a switching power supply.
Typically, switching power supply noise will occur over the
spectrum from tens of kHz to several MHz. PSRR vs. frequency
of the AD9754 AVDD supply, over this frequency range, is
given in Figure 32.
FREQUENCY – MHz
90
60
1.0
0.5
0.75
80
70
0.26
Figure 32. Power Supply Rejection Ratio of AD9754
Note that the units in Figure 32 are given in units of (amps out)/
(volts in). Noise on the analog power supply has the effect of
modulating the internal switches, and therefore the output
current. The voltage noise on the dc power, therefore, will be
added in a nonlinear manner to the desired IOUT. Due to the
relative different sizes of these switches, PSRR is very code
dependent. This can produce a mixing effect which can modu-
late low frequency power supply noise to higher frequencies.
Worst case PSRR for either one of the differential DAC outputs
will occur when the full-scale current is directed towards that
output. As a result, the PSRR measurement in Figure 32 repre-
sents a worst case condition in which the digital inputs remain
static and the full-scale output current of 20 mA is directed to
the DAC output being measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com