Electronic Components Datasheet Search
  English  ▼

X  

AD9754AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD9754AR
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9754AR Datasheet HTML 8Page - Analog Devices AD9754AR Datasheet HTML 9Page - Analog Devices AD9754AR Datasheet HTML 10Page - Analog Devices AD9754AR Datasheet HTML 11Page - Analog Devices AD9754AR Datasheet HTML 12Page - Analog Devices AD9754AR Datasheet HTML 13Page - Analog Devices AD9754AR Datasheet HTML 14Page - Analog Devices AD9754AR Datasheet HTML 15Page - Analog Devices AD9754AR Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD9754
–12–
REV. A
The most significant improvement in the AD9754’s distortion
and noise performance is realized using a differential output
configuration. The common-mode error sources of both
IOUTA and IOUTB can be substantially reduced by the
common-mode rejection of a transformer or differential am-
plifier. These common-mode error sources include even-order
distortion products and noise. The enhancement in distortion
performance becomes more significant as the reconstructed
waveform’s frequency content increases and/or its amplitude
decreases.
The distortion and noise performance of the AD9754 is also
slightly dependent on the analog and digital supply as well as the
full-scale current setting, IOUTFS. Operating the analog supply at
5.0 V ensures maximum headroom for its internal PMOS current
sources and differential switches leading to improved distortion
performance. Although IOUTFS can be set between 2 mA and
20 mA, selecting an IOUTFS of 20 mA will provide the best
distortion and noise performance also shown in Figure 13. The
noise performance of the AD9754 is affected by the digital sup-
ply (DVDD), output frequency, and increases with increasing
clock rate as shown in Figure 8. Operating the AD9754 with
low voltage logic levels between 3 V and 3.3 V will slightly
reduce the amount of on-chip digital noise.
In summary, the AD9754 achieves the optimum distortion and
noise performance under the following conditions:
(1) Differential Operation.
(2) Positive voltage swing at IOUTA and IOUTB limited to
+0.5 V.
(3) IOUTFS set to 20 mA.
(4) Analog Supply (AVDD) set at 5.0 V.
(5) Digital Supply (DVDD) set at 3.0 V to 3.3 V with appro-
priate logic levels.
Note that the ac performance of the AD9754 is characterized
under the above mentioned operating conditions.
DIGITAL INPUTS
The AD9754’s digital input consists of 14 data input pins and a
clock input pin. The 14-bit parallel data inputs follow standard
positive binary coding where DB13 is the most significant bit
(MSB), and DB0 is the least significant bit (LSB). IOUTA
produces a full-scale output current when all data bits are at
Logic 1. IOUTB produces a complementary output with the
full-scale current split between the two outputs as a function of
the input code.
The digital interface is implemented using an edge-triggered
master slave latch. The DAC output is updated following the
rising edge of the clock as shown in Figure 1 and is designed to
support a clock rate as high as 125 MSPS. The clock can be
operated at any duty cycle that meets the specified latch pulse
width. The setup and hold times can also be varied within the
clock cycle as long as the specified minimum times are met,
although the location of these transition edges may affect digital
feedthrough and distortion performance. Best performance is
typically achieved when the input data transitions on the falling
edge of a 50% duty cycle clock.
The digital inputs are CMOS-compatible with logic thresholds,
VTHRESHOLD, set to approximately half the digital positive supply
(DVDD) or
VTHRESHOLD = DVDD/2 (
±20%)
The internal digital circuitry of the AD9754 is capable of operating
over a digital supply range of 2.7 V to 5.5 V. As a result, the
digital inputs can also accommodate TTL levels when DVDD is
set to accommodate the maximum high level voltage of the TTL
drivers VOH(MAX). A DVDD of 3 V to 3.3 V will typically ensure
proper compatibility with most TTL logic families. Figure 22
shows the equivalent digital input circuit for the data and clock
inputs. The sleep mode input is similar with the exception that
it contains an active pull-down circuit, thus ensuring that the
AD9754 remains enabled if this input is left disconnected.
DVDD
DIGITAL
INPUT
Figure 22. Equivalent Digital Input
Since the AD9754 is capable of being updated up to 125 MSPS,
the quality of the clock and data input signals are important in
achieving the optimum performance. Operating the AD9754
with reduced logic swings and a corresponding digital supply
(DVDD) will result in the lowest data feedthrough and on-chip
digital noise. The drivers of the digital data interface circuitry
should be specified to meet the minimum setup and hold times
of the AD9754 as well as its required min/max input logic level
thresholds.
Digital signal paths should be kept short and run lengths
matched to avoid propagation delay mismatch. The insertion of
a low value resistor network (i.e., 20
Ω to 100 Ω) between the
AD9754 digital inputs and driver outputs may be helpful in
reducing any overshooting and ringing at the digital inputs that
contribute to data feedthrough. For longer run lengths and high
data update rates, strip line techniques with proper termination
resistors should be considered to maintain “clean” digital inputs.
The external clock driver circuitry should provide the AD9754
with a low jitter clock input meeting the min/max logic levels
while providing fast edges. Fast clock edges will help minimize
any jitter that will manifest itself as phase noise on a recon-
structed waveform. Thus, the clock input should be driven by
the fastest logic family suitable for the application.
Note, that the clock input could also be driven via a sine wave,
which is centered around the digital threshold (i.e., DVDD/2)
and meets the min/max logic threshold. This will typically result
in a slight degradation in the phase noise, which becomes more
noticeable at higher sampling rates and output frequencies.
Also, at higher sampling rates, the 20% tolerance of the digital
logic threshold should be considered since it will affect the effec-
tive clock duty cycle and, subsequently, cut into the required
data setup and hold times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com