Electronic Components Datasheet Search
  English  ▼

X  

AD9754AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD9754AR
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9754AR Datasheet HTML 4Page - Analog Devices AD9754AR Datasheet HTML 5Page - Analog Devices AD9754AR Datasheet HTML 6Page - Analog Devices AD9754AR Datasheet HTML 7Page - Analog Devices AD9754AR Datasheet HTML 8Page - Analog Devices AD9754AR Datasheet HTML 9Page - Analog Devices AD9754AR Datasheet HTML 10Page - Analog Devices AD9754AR Datasheet HTML 11Page - Analog Devices AD9754AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9754
–8–
REV. A
–0.5
–2.0
16k
4k
8k
12k
1.0
0
–1.5
0.5
–1.0
CODE
0
Figure 12. Typical INL
–0.5
16k
4k
8k
12k
1.0
0
0.5
–1.0
CODE
0
Figure 13. Typical DNL
0
–100
030
FREQUENCY – MHz
fCLOCK = 65MSPS
fOUT1 = 6.25MHz
fOUT2 = 6.75MHz
fOUT3 = 7.25MHz
fOUT4 = 7.75MHz
SFDR > 70dBc
AMPLITUDE = 0dBFS
–90
–80
–70
–60
–50
–40
–30
–20
–10
25
20
15
10
5
Figure 15. Four-Tone SFDR
TEMPERATURE – C
90
80
50
–55
–5
95
70
60
fOUT = 29MHz
fOUT = 4MHz
fOUT = 40MHz
fOUT = 10MHz
45
Figure 14. SFDR vs. Temperature @
125 MSPS, 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com