Electronic Components Datasheet Search
  English  ▼

X  

AD7734 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7734 Datasheet HTML 6Page - Analog Devices AD7734 Datasheet HTML 7Page - Analog Devices AD7734 Datasheet HTML 8Page - Analog Devices AD7734 Datasheet HTML 9Page - Analog Devices AD7734 Datasheet HTML 10Page - Analog Devices AD7734 Datasheet HTML 11Page - Analog Devices AD7734 Datasheet HTML 12Page - Analog Devices AD7734 Datasheet HTML 13Page - Analog Devices AD7734 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7734
Data Sheet
Rev. A | Page 10 of 32
OUTPUT NOISE AND RESOLUTION SPECIFICATION
The AD7734 can be operated with chopping enabled or
disabled, allowing the ADC to be programmed to either
optimize the throughput rate and channel switching time or to
optimize the offset drift performance. Noise tables for these two
primary modes of operation are outlined below for a selection
of output rates and settling times.
The AD7734 noise performance depends on the selected
chopping mode, the filter word (FW) value, and the selected
analog input range. The AD7734 noise will not vary
significantly with MCLK frequency.
CHOPPING ENABLED
The first mode, in which the AD7734 is configured with
chopping enabled (CHOP = 1), provides very low noise with
lower output rates. Table 4 to Table 6 show the –3 dB
frequencies and typical performance versus the channel
conversion time and equivalent output data rate, respectively.
Table 4 shows the typical output rms noise. Table 5 shows the
typical effective resolution based on rms noise. Table 6 shows
the typical output peak-to-peak resolution, representing values
for which there will be no code flicker within a 6-sigma limit.
The peak-to-peak resolutions are not calculated based on rms
noise but on peak-to-peak noise.
These typical numbers are generated from 4096 data samples
acquired in continuous conversion mode with an analog input
voltage set to 0 V and MCLK = 6.144 MHz. The conversion
time is selected via the channel conversion time register.
Table 4. Typical Output RMS Noise in µV vs. Conversion Time and Input Range with Chopping Enabled
FW
Conversion Time Register Conversion Time (µs)
Output Data Rate (Hz) –3 dB Frequency (Hz)
RMS Noise (µV)
127
FFh
2686
372
200
9.6
46
AEh
999
1001
520
15.5
22
96h
499
2005
1040
22.7
17
91h
395
2534
1300
26.1
8
88h
207
4826
2500
39.2
6
86h
166
6041
3100
46.0
2
82h
82
12166
6300
120.0
Table 5. Typical Effective Resolution in Bits vs. Conversion Time and Input Range with Chopping Enabled
FW
Conversion Time
Register
Conversion Time
(µs)
Output Data Rate
(Hz)
–3 dB Frequency
(Hz)
Input Range/Effective Resolution (Bits)
±10 V
0 V to +10 V
±5 V
0 V to +5 V
127
FFh
2686
372
200
21.0
20.0
20.0
19.0
46
AEh
999
1001
520
20.3
19.3
19.3
18.3
22
96h
499
2005
1040
19.7
18.7
18.7
17.7
17
91h
395
2534
1300
19.5
18.5
18.5
17.5
8
88h
207
4826
2500
19.0
18.0
18.0
17.0
6
86h
166
6041
3100
18.7
17.7
17.7
16.7
2
82h
82
12166
6300
17.3
16.3
16.3
15.3
Table 6. Typical Peak-to-Peak Resolution in Bits vs. Conversion Time and Input Range with Chopping Enabled
FW
Conversion Time
Register
Conversion Time
(µs)
Output Data Rate
(Hz)
–3 dB Frequency
(Hz)
Input Range/Peak-to-Peak Resolution (Bits)
±10 V
0 V to +10 V
±5 V
0 V to +5 V
127
FFh
2686
372
200
18.1
17.1
17.1
16.1
46
AEh
999
1001
520
17.4
16.4
16.4
15.4
22
96h
499
2005
1040
16.9
15.9
15.9
14.9
17
91h
395
2534
1300
16.7
15.7
15.7
14.7
8
88h
207
4826
2500
16.2
15.2
15.2
14.2
6
86h
166
6041
3100
15.8
14.8
14.8
13.8
2
82h
82
12166
6300
15.0
13.4
13.4
12.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com