Electronic Components Datasheet Search
  English  ▼

X  

AD7734 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7734 Datasheet HTML 11Page - Analog Devices AD7734 Datasheet HTML 12Page - Analog Devices AD7734 Datasheet HTML 13Page - Analog Devices AD7734 Datasheet HTML 14Page - Analog Devices AD7734 Datasheet HTML 15Page - Analog Devices AD7734 Datasheet HTML 16Page - Analog Devices AD7734 Datasheet HTML 17Page - Analog Devices AD7734 Datasheet HTML 18Page - Analog Devices AD7734 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD7734
Rev. A | Page 15 of 32
REGISTER ACCESS
The AD7734 is configurable through a series of registers. Some
of them configure and control general AD7734 features, while
others are specific to each channel. The register data widths
vary from 8 bits to 24 bits. All registers are accessed through the
communications register, i.e., any communication to the
AD7734 must start with a write to the communications register
specifying which register will be subsequently read or written.
COMMUNICATIONS REGISTER
8 Bits, Write-Only Register, Address 00h
All communications to the part must start with a write
operation to the communications register. The data written to
the communications register determines whether the
subsequent operation will be a read or write and to which
register this operation will be directed. The digital interface
defaults to expect write operation to the communications
register after power-on, after reset, or after the subsequent read
or write operation to the selected register is complete. If the
interface sequence is lost, the part can be reset by writing at
least 32 serial clock cycles with DIN high and CS low. (Note that
all of the parts, including the modulator, filter, interface, and all
registers are reset in this case.) Remember to keep DIN low
while reading 32 bits or more either in continuous read mode or
with the DUMP bit and “24/16” bit in the mode register set.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
0
R/W
6-Bit Register Address
Bit
Mnemonic
Description
7
0
This bit must be 0 for proper operation.
6
R/W
A 0 in this bit indicates that the next operation will be a write to a specified register. A 1 in this bit indicates
that the next operation will be a read from a specified register.
5–0
Address
Address specifying to which register the read or write operation will be directed. For channel specific registers,
two LSBs, i.e., Bit 1 and Bit 0, specify the channel number. When the subsequent operation writes to the Mode
register, two LSBs specify the channel selected for operation determined by the mode register value (see Table
14).
Table 14.
Bit 2
Bit 1
Bit 0
Channel
Input
0
0
0
0
AIN0
0
0
1
1
AIN1
0
1
0
2
AIN2
0
1
1
3
AIN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com