Electronic Components Datasheet Search
  English  ▼

X  

AD7734 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7734 Datasheet HTML 24Page - Analog Devices AD7734 Datasheet HTML 25Page - Analog Devices AD7734 Datasheet HTML 26Page - Analog Devices AD7734 Datasheet HTML 27Page - Analog Devices AD7734 Datasheet HTML 28Page - Analog Devices AD7734 Datasheet HTML 29Page - Analog Devices AD7734 Datasheet HTML 30Page - Analog Devices AD7734 Datasheet HTML 31Page - Analog Devices AD7734 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD7734
Rev. A | Page 29 of 32
FREQUENCY RESPONSE
The sigma-delta modulator runs at ½ the MCLK frequency,
which is effectively the sampling frequency. Therefore, the
Nyquist frequency is ¼ the MCLK frequency. The digital filter,
in association with the modulator, features the frequency
response of a first order low-pass filter. The –3 dB point is close
to the frequency of 1/channel conversion time. The roll-off is
–20 dB/dec up to the Nyquist frequency. If chopping is enabled,
the input signal is resampled by chopping. Therefore, the overall
frequency response features notches close to the frequency of
1/channel conversion time. The top envelope is again the ADC
response of –20 dB/dec.
The typical frequency response plots are given in Figure 27
and Figure 28. The plots are normalized to 1/channel
conversion time.
NORMALIZED INPUT FREQUENCY
(INPUT FREQUENCY
× CONVERSION TIME)
–60
–50
–40
–30
–20
–10
0
0.1
1.0
10.0
CHOP = 1
Figure 27. Typical ADC Frequency Response, Chopping Enabled
NORMALIZED INPUT FREQUENCY
(INPUT FREQUENCY
× CONVERSION TIME)
–60
–50
–40
–30
–20
–10
0
0.1
1.0
10.0
CHOP = 1
Figure 28. Typical ADC Frequency Response, Chopping Disabled
VOLTAGE REFERENCE INPUTS
The AD7734 has a differential reference input, REF IN(+) and
REF IN(–). The common-mode range for these inputs is from
AGND to AVDD. The nominal differential reference voltage
for specified operation is 2.5 V. Both reference inputs feature
dynamic load. Therefore, the reference inputs should be con-
nected to a low impedance reference voltage source. External
resistance/capacitance combinations may result in gain errors
on the part.
The output noise performance outlined in Table 4 through
Table 9 is for an analog input of 0 V and is unaffected by noise
on the reference. To obtain the same noise performance as
shown in the noise tables over the full input range requires a
low noise reference source for the AD7734. If the reference
noise in the bandwidth of interest is excessive, it will degrade
the performance of the AD7734.
Recommended reference voltage sources for the AD7734
include the AD780, ADR421, REF43, and REF192. Note that in
a typical connection, the voltage reference must be capable of
sinking current flowing out of the BIAS pins through the
internal resistors if a positive voltage is applied to the analog
input. The AD780 meets this requirement. If the voltage
reference used in an application is not capable of sinking
current, an external resistor (5 kΩ) should be connected in
parallel to the REFIN pins.
REFERENCE DETECT
The AD7734 includes on-chip circuitry to detect if the part has
a valid reference for conversions. If the voltage between the
REFIN(+) and REFIN(–) pins goes below the NOREF trigger
voltage (0.5 V typ.) and the AD7734 is performing a conversion,
the NOREF bit in the channel status register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com