Electronic Components Datasheet Search
  English  ▼

X  

AD7734 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7734
Description  4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7734 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7734 Datasheet HTML 24Page - Analog Devices AD7734 Datasheet HTML 25Page - Analog Devices AD7734 Datasheet HTML 26Page - Analog Devices AD7734 Datasheet HTML 27Page - Analog Devices AD7734 Datasheet HTML 28Page - Analog Devices AD7734 Datasheet HTML 29Page - Analog Devices AD7734 Datasheet HTML 30Page - Analog Devices AD7734 Datasheet HTML 31Page - Analog Devices AD7734 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
AD7734
Rev. A | Page 31 of 32
+
10
µF
0.1
µF
+
10
µF
0.1
µF
ANALOG
INPUTS
R=15.5k
Ω
4 TO 20mA
0V TO 10V
–10V TO +10V
0V TO 5V
CLOCK
GENERATOR
MCLKIN
MCLKOUT
33pF
33pF
6.144MHz
AIN0(+)
BIAS0(+)
500R
7R
MUX
R
7R
24-BIT
Σ-∆ ADC
BUFFER
DVDD
AIN3
BIAS3
R
7R
AIN2
BIAS2
R
7R
AIN1
BIAS1
REFIN(–)
REFIN(+)
AGND
10
µF
+
0.01
µF
+
10
µF
AD780
VOUT
+VIN
TEMP
+2.5V
AD7734
R
7R
SERIAL
INTERFACE
AND
CONTROL
LOGIC
SCLK
DIN
DOUT
CS
RDY
RESET
DGND
HOST
SYSTEM
BIASHI
BIASLO
AVDD
AVDD
DVDD
DVDD
AVDD
Figure 29. Typical Connections for the AD7734 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com