Electronic Components Datasheet Search
  English  ▼

X  

APL5338 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL5338 Datasheet HTML 10Page - Anpec Electronics Coropration APL5338 Datasheet HTML 11Page - Anpec Electronics Coropration APL5338 Datasheet HTML 12Page - Anpec Electronics Coropration APL5338 Datasheet HTML 13Page - Anpec Electronics Coropration APL5338 Datasheet HTML 14Page - Anpec Electronics Coropration APL5338 Datasheet HTML 15Page - Anpec Electronics Coropration APL5338 Datasheet HTML 16Page - Anpec Electronics Coropration APL5338 Datasheet HTML 17Page - Anpec Electronics Coropration APL5338 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
14
Package Information
TDFN3x3-10
0.70
0.069
0.028
0.002
0.50 BSC
0.020 BSC
0.20
0.008
K
2.90
3.10
0.114
0.122
2.90
3.10
0.114
0.122
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.18
0.30
2.20
2.70
0.05
1.40
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TDFN3x3-10
0.30
0.50
1.75
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.007
0.012
0.087
0.106
0.055
0.012
0.020
Note : 1. Followed from JEDEC MO-229 VEED-5.
Pin 1 Corner
e
D2
A1
A3
A
Pin 1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com