Electronic Components Datasheet Search
  English  ▼

X  

APL5338 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5338 Datasheet HTML 1Page - Anpec Electronics Coropration APL5338 Datasheet HTML 2Page - Anpec Electronics Coropration APL5338 Datasheet HTML 3Page - Anpec Electronics Coropration APL5338 Datasheet HTML 4Page - Anpec Electronics Coropration APL5338 Datasheet HTML 5Page - Anpec Electronics Coropration APL5338 Datasheet HTML 6Page - Anpec Electronics Coropration APL5338 Datasheet HTML 7Page - Anpec Electronics Coropration APL5338 Datasheet HTML 8Page - Anpec Electronics Coropration APL5338 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
APL5338
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTT OUTPUT (Cont.)
VTT Output Accuracy to
VTTREF
VIN=VREF=1.35V/1.5V/1.8V/3.15V,
over temperature and load current range
-10
-
10
mV
Sourcing Current
2.8
3.0
3.5
ILIM
VTT Current Limit
Sinking Current
-2.8
-3.0
-3.5
A
VTT Leakage Current
VTT=0.9V, VS3=0V, VS5=5V, TJ =25
oC
-
2.5
4.0
VTTSNS Leakage Current
VTT=0.9V, TJ =25
oC
-1.0
-
1.0
µA
VTT Discharge Current
VTT=0.5V, VS3=VS5=0V, TJ =25
oC, V
REF=0V
15
25
35
mA
VTTREF OUTPUT
VIN=VREF=3.15V
-
1.575
-
VIN=VREF=1.8V
-
0.9
-
VIN=VREF=1.5V
-
0.75
-
VTTREF
VTTREF Output Voltage
VIN=VREF=1.35V
-
0.675
-
V
VTTREF Output Voltage
Tolerance to 0.5VREF
VIN=VREF, IVTTREF<10mA
-10
-
+10
mV
IVTTREF
VTTREF Source Current Limit
VTTREF=0V
10
20
30
IVTTREFDIS
VTTREF Discharge Current
VTTREF=0.5V, VS3=VS5=0V, TJ =25
oC
0.3
0.5
0.8
mA
LOGIC THRESHOLD
VIH
High Threshold Voltage
VS3, VS5 Rising
1.6
-
-
VIL
Low Threshold Voltage
VS3, VS5 Falling
-
-
0.4
S3, S5 Hysteresis
-
0.2
-
V
Leakage Current
S3, S5, TJ =25
oC
-
-
4
µA
THERMAL SHUTDOWN
TSD
Thermal Shutdown Temperature
TJ Rising
-
150
-
Thermal Shutdown Hysteresis
-
30
-
oC
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=VREF=1.8V, CIN=10µF, COUT=10µF and TA= -40 ~ 85
oC.
Typical values are at T
A=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com