Electronic Components Datasheet Search
  English  ▼

X  

APL5338 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5338 Datasheet HTML 2Page - Anpec Electronics Coropration APL5338 Datasheet HTML 3Page - Anpec Electronics Coropration APL5338 Datasheet HTML 4Page - Anpec Electronics Coropration APL5338 Datasheet HTML 5Page - Anpec Electronics Coropration APL5338 Datasheet HTML 6Page - Anpec Electronics Coropration APL5338 Datasheet HTML 7Page - Anpec Electronics Coropration APL5338 Datasheet HTML 8Page - Anpec Electronics Coropration APL5338 Datasheet HTML 9Page - Anpec Electronics Coropration APL5338 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Junction Temperature (oC)
VTTREF Discharge Current vs. Temperature
V
CNTL=5V
V
S2=VS5=0V
V
TTREF=0.5V
-40 -20
0
20
40
60
80 100 120 140
0.0
0.2
0.4
0.6
0.8
1.0
VTT Discharge Current vs. Temperature
Junction Temperature (oC)
V
CNTL=5V
V
S2=VS5=0V
V
TT=0.5V
-40 -20
0
20
40
60
80 100 120 140
10
15
20
25
30
35
40
VTTREF Voltage vs. VTTREF Load
Current (DDR2)
VTTREF Load Current (mA)
0
2
4
6
8
10
V
CNTL=5V
V
IN=VREF=1.8V
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
VTTREF Voltage vs. VTTREF Load
Current (DDR3)
VTTREF Load Current (mA)
V
CNTL=5V
V
IN=VREF=1.5V
0.740
0.742
0.744
0.746
0.748
0.750
0.752
0.754
0.756
0.758
0.760
0
2
4
6
8
10
VTT Voltage vs. VTT Load Current
(DDR2)
VTT Load Current (A)
V
CNTL=5V
V
IN=VREF=1.8V
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
-2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0
VTT Voltage vs. VTT Load Current
(DDR3)
VTT Load Current (A)
V
CNTL=5V
V
IN=VREF=1.5V
0.740
0.742
0.744
0.746
0.748
0.750
0.752
0.754
0.756
0.758
0.760
-2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com