Electronic Components Datasheet Search
  English  ▼

X  

APL5338 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5338 Datasheet HTML 1Page - Anpec Electronics Coropration APL5338 Datasheet HTML 2Page - Anpec Electronics Coropration APL5338 Datasheet HTML 3Page - Anpec Electronics Coropration APL5338 Datasheet HTML 4Page - Anpec Electronics Coropration APL5338 Datasheet HTML 5Page - Anpec Electronics Coropration APL5338 Datasheet HTML 6Page - Anpec Electronics Coropration APL5338 Datasheet HTML 7Page - Anpec Electronics Coropration APL5338 Datasheet HTML 8Page - Anpec Electronics Coropration APL5338 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
5
Typical Operating Characteristics
Junction Temperature (oC)
VTTREF Output Voltage vs. Temperature
V
CNTL=5V
V
IN=VREF=1.8V
I
VTTREF=0mA
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
-40 -20 0
20
40
60
80 100 120 140
Junction Temperature (oC)
VIN Supply Current vs. Temperature
V
CNTL=5V
V
S3=VS5=5V
-40 -20 0
20
40
60
80 100 120 140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VTT Output Voltage vs. Temperature
Junction Temperature (oC)
V
CNTL=5V
V
IN=VREF=1.8V
I
VTT=-10mA
I
VTT=10mA
-40 -20
0
20
40
60
80 100 120 140
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
Junction Temperature (oC)
VCNTL Supply Current vs. Temperature
V
CNTL=5V
V
S3=VS5=5V
0.40
0.45
0.50
0.55
0.60
-40 -20
0
20
40
60
80 100 120 140
Junction Temperature (oC)
VCNTL Shutdown Current vs. Temperature
V
CNTL=5V
V
S3=VS5=0V
-40 -20
0
20
40
60 80 100 120 140
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Junction Temperature (oC)
VIN Shutdown Current vs. Temperature
V
CNTL=5V
V
S3=VS5=0V
-40 -20
0
20
40
60
80 100 120 140
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com