Electronic Components Datasheet Search
  English  ▼

X  

APL5338 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5338
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5338 Datasheet HTML 1Page - Anpec Electronics Coropration APL5338 Datasheet HTML 2Page - Anpec Electronics Coropration APL5338 Datasheet HTML 3Page - Anpec Electronics Coropration APL5338 Datasheet HTML 4Page - Anpec Electronics Coropration APL5338 Datasheet HTML 5Page - Anpec Electronics Coropration APL5338 Datasheet HTML 6Page - Anpec Electronics Coropration APL5338 Datasheet HTML 7Page - Anpec Electronics Coropration APL5338 Datasheet HTML 8Page - Anpec Electronics Coropration APL5338 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2013
APL5338
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VCNTL
VCNTL to GND
4.5 ~ 5.5
V
VIN
VIN to GND
1.2 ~ 3.6
V
VREF
VREF to GND
1.2 ~ 3.6
V
VS3, VS5
S3, S5 to GND
0 ~ 5.5
V
IVTT
VTT Output Current
(Note 4)
-2 ~ +2
A
CIN
VIN Input Capacitor
10 ~ 100
µF
COUT
Capacitance of VTT Output Multi-layer Ceramic Capacitor (MLCC)
10 ~ 47
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Note 3 : Refer to the typical application circuit.
Note 4 : If the VTT output current is “+2A”, then VTT source would be 2A current, and vice versa.
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=VREF=1.8V, CIN=10µF, COUT=10µF and TA= -40 ~ 85
oC.
Typical values are at T
A=25
oC.
APL5338
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCNTL
VCNTL Supply Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=5V, no load
0.2
0.5
1
mA
VCNTL Standby Current
TJ = 25
oC, V
CNTL=5V, VS3=0V, VS5=5V,
no load
20
50
80
VCNTL Shutdown Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=0V, no load,
VIN=VREF=0V
-
0.3
1.0
µA
VIN
VIN Supply Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=5V, no load
0.3
0.6
1.0
mA
VIN Standby Current
TJ = 25
oC, V
CNTL=5V, VS3=0V, VS5=5V,
no load
-
5
10
VIN Shutdown Current
TJ = 25
oC, V
CNTL=5V, VS3=VS5=0V, no load,
VIN=VREF=0V
-
0.5
1.0
µA
INPUT IMPEDANCE
IVREF
VREF Input Impedance
VCNTL=5V, VS3=VS5=5V
1
3
5
µA
IVTTSNS
VTTSNS Input Current
VCNTL=5V, VS3=VS5=5V
-
10
-
nA
POWER-ON-RESET (POR) AND LOCKOUT VOLTAGE THRESHOLDS
VCNTL POR Voltage Threshold
VCNTL rising
3.6
3.8
4.0
VCNTL POR Hysteresis
-
0.2
-
V
VTT OUTPUT
VIN=VREF=3.15V
-
1.575
-
VIN=VREF=1.8V
-
0.9
-
VIN=VREF=1.5V
-
0.75
-
VTT Output Voltage
VIN=VREF=1.35V
-
0.675
-
V
Recommended Operating Conditions (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com