Electronic Components Datasheet Search
  English  ▼

X  

APW7108 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration APW7108 Datasheet HTML 10Page - Anpec Electronics Coropration APW7108 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
7
Operating Waveforms
Enable at Zero Initial Voltage of V
OUT
Enable before End of Soft-Stop
Shutdown at I
OUT1=5A
Shutdown with Soft-Stop at No Load
CH1: V
EN1 (5V/div)
CH2: V
PG1 (5V/div)
CH3: V
SOFT1 (1V/div)
CH4: V
OUT1 (2V/div)
Time: 5ms/div
1
2
3
4
CH1: V
EN1 (5V/div)
CH2: V
PG1 (5V/div)
CH3: V
SOFT1 (1V/div)
CH4: V
OUT1 (2V/div)
Time: 2ms/div
1
2
3
4
CH1: V
EN1 (5V/div)
CH2: V
PG1 (5V/div)
CH3: V
SOFT1 (1V/div)
CH4: V
OUT1 (2V/div)
Time: 2ms/div
1
2
3
4
CH1: V
EN1 (5V/div)
CH2: V
PG1 (5V/div)
CH3: V
SOFT1 (1V/div)
CH4: V
OUT1 (2V/div)
Time: 5ms/div
1
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com