Electronic Components Datasheet Search
  English  ▼

X  

APW7108 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7108 Datasheet HTML 1Page - Anpec Electronics Coropration APW7108 Datasheet HTML 2Page - Anpec Electronics Coropration APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
5
Typical Operating Characteristics
CH1 Efficiency vs. Output Current
CH2 Efficiency vs. Output Current
CH2 Switching Frequency Over
Temperature
CH1 Switching Frequency Over
Temperature
CH1 Output Voltage vs. Output Current
CH2 Output Voltage vs. Output Current
Output Current,I
OUT1 (A)
2.495
2.498
2.501
2.504
2.507
2.510
0
1
2
3
4
5
6
7
8
9 10
V
IN1=10V, PWM
V
IN1=15V, PWM
V
IN1=19V, PWM
V
IN1=10V, PFM/PWM
V
IN1=15V, PFM/PWM
V
IN1=19V, PFM/PWM
V
OUT1=2.5V
Output Current,I
OUT2 (A)
1.795
1.798
1.801
1.804
1.807
1.81
0
1
2
3
4
5
6
7
8
9 10
V
IN2=10V, PWM
V
IN2=15V, PWM
V
IN2=19V, PWM
V
IN2=10V, PFM/PWM
V
IN2=15V, PFM/PWM
V
IN2=19V, PFM/PWM
V
OUT2=1.8V
Junction Temperature,T
J (
o
C)
295
305
315
325
335
345
355
365
375
385
395
-50 -30 -10 10 30 50 70 90 110 130 150
Junction Temperature,T
J (
oC)
-50 -30 -10
10
30
50
70
90 110 130 150
220
230
240
250
260
270
280
290
Output Current,I
OUT1 (A)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
V
IN1=10V, PWM
V
IN1=15V, PWM
V
IN1=19V, PWM
V
IN1=10V, PFM/PWM
V
IN1=15V, PFM/PWM
V
IN1=19V, PFM/PWM
V
OUT1=2.5V
Output Current,I
OUT2 (A)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
V
IN2=10V, PWM
V
IN2=15V, PWM
V
IN2=19V, PWM
V
IN2=10V, PFM/PWM
V
IN2=15V, PFM/PWM
V
IN2=19V, PFM/PWM
V
OUT2=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com