Electronic Components Datasheet Search
  English  ▼

X  

APW7108 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration APW7108 Datasheet HTML 10Page - Anpec Electronics Coropration APW7108 Datasheet HTML 11Page - Anpec Electronics Coropration APW7108 Datasheet HTML 12Page - Anpec Electronics Coropration APW7108 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
9
Operating Waveforms (Cont.)
Input Step-Up Transient at PWM Mode
Input Step-Down Transient at PWM Mode
Mode Transient of PFM to PWM
Mode Transient of PWM to PFM
CH1: V
IN (10V/div)
CH2: V
OUT1 (AC, 100mV/div)
CH3: V
OUT2 (AC, 100mV/div)
Time: 20
µs/div
1
2
3
I
OUT1 = 5A
CH1: V
IN (10V/div)
CH2: V
OUT1 (AC, 100mV/div)
CH3: V
OUT2 (AC, 100mV/div)
Time: 20
µs/div
1
2
3
I
OUT1 = 5A
CH1: V
OUT1 (AC, 100mV/div)
CH2: V
PHASE1 (20V/div)
CH3: I
L1 (5A/div)
CH4: V
OUT2 (AC, 100mV/div)
Time: 10
µs/div
1
2
3
4
I
OUT1 = 0.1A to 5A
CH1: V
OUT1 (AC, 100mV/div)
CH2: V
PHASE1 (20V/div)
CH3: I
L1 (5A/div)
CH4: V
OUT2 (AC, 100mV/div)
Time: 10
µs/div
1
2
3
4
I
OUT1 = 5A to 0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com