Electronic Components Datasheet Search
  English  ▼

X  

APW7108 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7108 Datasheet HTML 1Page - Anpec Electronics Coropration APW7108 Datasheet HTML 2Page - Anpec Electronics Coropration APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuits. These specifications apply over VCC=5V, VIN=5~24V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at TA=25°C.
APW7108
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
REFERENCE VOLTAGE
VREF
Reference Voltage
-
0.9
-
Accuracy
-1.0
-
+1.0
%
Line Regulation
VCC = 4.5V to 5.5V, VIN = 5~24V
-0.1
-
+0.1
%
Load Regulation
0A < IOUT < 5A; 5V < VIN < 24V
-1.0
-
+1.0
%
PWM CONVERTERS
IVSEN
VSEN Pin Bias Current
-100
-
+100
nA
Minimum off-time of UGATE
-
550
-
ns
VOUT Pin Input Impedance
VOUT = 5V
-
134
-
k
Ω
VUV
VSEN Under-Voltage Threshold
~ 2
µs noise filter, VSEN Falling
65
70
75
%
VOV
VSEN Over-Voltage Threshold
~ 2
µs noise filter, VSEN Rising
110
115
120
%
SWITCHING FREQUENCY
PWM1
294
345
396
FSW
Switching Frequency in PWM
mode
DC output current
PWM2
217
255
293
kHz
MOSFET GATE DRIVERS
UGATE Source Resistance
VBOOT = 5V, IUGATE = 0.1A
-
1
2
Ω
UGATE Sink Resistance
VBOOT = 5V, IUGATE = 0.1A
-
0.9
1.8
Ω
LGATE Source Resistance
VCC = 5V, ILGATE= 0.1A
-
1
2
Ω
LGATE Sink Resistance
VCC = 5V, ILGATE= 0.1A
-
0.6
1.2
Ω
TD
Dead-Time
-
25
-
ns
PGOOD AND CONTROL FUNCTIONS
POK is high:~ 3
µs noise filter, VSEN is
from low to target value
87
92
95
%
PGOOD Threshold
POK is high:~ 3
µs noise filter, VSEN is
from high to target value
107
112
117
%
POK Hysteresys
-
3
-
%
PG1, PG2 Leakage Current
VPG1,2 = 5.5V
-
-
1
µA
VPG1, 2
PG1, PG2 Voltage Low
IPG1,2 = -4mA
-
0.5
1
V
ISEN
ISEN Sourcing Current
By Design
-
-
260
µA
Continuous-Conduction-Mode
(CCM) Enforced (PFM Operation
Inhibited)
VOUTx pulled low
-
-
0.1
V
Automatic CCM/PFM Operation
Enabled
VOUTx connected to the output
0.9
-
-
V
SOFT-START, SOFT-STOP, AND ENABLE
ISTART
Soft-Start Current Source
Sourcing current
-
4.5
-
µA
ISTOP
Soft-Stop Current Sink
Sinking current
-
2.2
-
µA
SOFTx Pull-Low Impedance
-
2
-
k
Ω
VST
Soft-Start Complete Threshold
-
1.5
-
V
Soft-Start Clamp Voltage
Voltage Threshold of SOFT Pin
-
2.4
-
V
EN Voltage Low (OFF)
-
-
0.8
V
EN Voltage High (ON)
2.0
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com