Electronic Components Datasheet Search
  English  ▼

X  

APW7108 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7108 Datasheet HTML 1Page - Anpec Electronics Coropration APW7108 Datasheet HTML 2Page - Anpec Electronics Coropration APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
V
CC
VCC Supply Voltage
4.5 ~ 5.5
V
V
OUT1
V
OUT2
Converter Output Voltages
0.9 ~ 5.5
V
V
IN1
V
IN2
Converter Input Voltages
5 ~ 24
V
I
OUT1
I
OUT2
Converter Output Currents
~ 20
A
ROCSET
OCSET Resistance Range
39 ~ 200
k
Ω
T
A
Ambient Temperature
-40 ~ 85
oC
T
J
Junction Temperature
-40 ~ 125
oC
Absolute Maximum Ratings (Cont.) (Note 1)
Symbol
Parameter
Rating
Unit
VPHASE
PHASE Voltage (PHASE to GND)
<400ns pulse width
>400ns pulse width
-5 ~ 35
-2 ~ 28
V
PGND to GND Voltage
-0.3 ~ 0.3
V
VISEN
ISEN Supply Voltage (ISEN to GND)
-0.3 ~ 28
V
VPG
PG1, PG2 Supply Voltage (PG1, PG2 to GND)
-0.3 ~ 7
V
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in Free Air
(Note 2)
SSOP-28
QFN4x4-24
80
40
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions
Electrical Characteristics
Refer to the typical application circuits. These specifications apply over VCC=5V, VIN=5~24V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at TA=25°C.
APW7108
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
ICC
VCC Nominal Supply Current
UGATEx and LGATEx Open, VSENx
forced above regulation point
-
1.2
3.0
mA
ICC_SHDN
VCC Shutdown Supply Current
-
-
1.0
µA
POWER-ON-RESET (POR)
VCCR
Rising VCC Threshold Voltage
4.1
4.2
4.3
V
VCC POR Hysteresis
0.1
0.2
0.3
V
VIN PIN
IVIN
VIN Pin Sink Current
-
-
35
µA
IVIN_SHDN
VIN Shutdown Current
-
-
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com