Electronic Components Datasheet Search
  English  ▼

X  

APW7108 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7108
Description  Dual Mobile-Friendly PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7108 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7108 Datasheet HTML 2Page - Anpec Electronics Coropration APW7108 Datasheet HTML 3Page - Anpec Electronics Coropration APW7108 Datasheet HTML 4Page - Anpec Electronics Coropration APW7108 Datasheet HTML 5Page - Anpec Electronics Coropration APW7108 Datasheet HTML 6Page - Anpec Electronics Coropration APW7108 Datasheet HTML 7Page - Anpec Electronics Coropration APW7108 Datasheet HTML 8Page - Anpec Electronics Coropration APW7108 Datasheet HTML 9Page - Anpec Electronics Coropration APW7108 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APW7108
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
CH1 Switching Frequency vs. V
IN
CH2 Switching Frequency vs. V
IN
CH2 Switching Frequency vs. Ouput
Current
CH1 Switching Frequency vs. Ouput
Current
Reference Voltage Accuracy
Over Temperature
315
325
335
345
355
365
375
5
7
9
11 13 15 17 19 21 23 25
Input Voltage, V
IN (V)
In PWM Mode
DC Output Current
0.891
0.894
0.897
0.9
0.903
0.906
0.909
-50 -30 -10 10 30 50 70 90 110 130 150
Junction Temperature,T
J (
o
C)
Output Current, I
OUT1 (A)
0
50
100
150
200
250
300
350
0
2
4
6
8
10
400
V
OUT1=2.5V,PWM
V
OUT1=2.5V,PFM/PWM
Output Current, I
OUT2 (A)
0
50
100
150
200
250
0
2
4
6
8
10
V
OUT2=1.8V,PWM
V
OUT2=1.8V,PFM/PWM
300
230
240
250
260
270
280
5
7
9
11 13 15 17 19 21 23 25
Input Voltage, V
IN (V)
In PWM Mode
DC Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com