Electronic Components Datasheet Search
  English  ▼

X  

APW8813 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW8813 Datasheet HTML 1Page - Anpec Electronics Coropration APW8813 Datasheet HTML 2Page - Anpec Electronics Coropration APW8813 Datasheet HTML 3Page - Anpec Electronics Coropration APW8813 Datasheet HTML 4Page - Anpec Electronics Coropration APW8813 Datasheet HTML 5Page - Anpec Electronics Coropration APW8813 Datasheet HTML 6Page - Anpec Electronics Coropration APW8813 Datasheet HTML 7Page - Anpec Electronics Coropration APW8813 Datasheet HTML 8Page - Anpec Electronics Coropration APW8813 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
Features
General Description
Buck Controller (VDDQ)
•
High Input Voltages Range from 3V to 28V Input
Power
•
Provide 1.8V (DDR2), 1.5V (DDR3) or Adjustable
Output Voltage from 0.75V to 5.5V
- ±1% Accuracy Over-Temperature
•
Integrated MOSFET Drivers and Bootstrap Diode
•
Excellent Line and Load Transient Responses
•
PFM Mode for Increased Light Load Efficiency
•
Constant-On-Time Controller Scheme
- Switching Frequency Compensation for PWM
Mode
- Adjustable Switching Frequency from 100kHz
to 550kHz in PWM Mode with DC Output Current
•
Integrated MOSFET Drivers and Bootstrap Diode
•
S3 and S5 Pins Control The Device in S0, S3, or
S4/S5 State
•
Power Good Monitoring
•
70% Under-Voltage Protection (UVP)
•
125% Over-Voltage Protection (OVP)
•
Adjustable Current-Limit Protection
- Using Sense Low-Side MOSFET R
DS(ON)
±1.5A LDO Section (VTT)
•
Souring or Sinking Current up to 1.5A
•
Fast Transient Response for Output Voltage
•
Output Ceramic Capacitors Support at Least
10
µF MLCC
•
VTT and VTTREF Track at Half the VDDQSNS by
Internal Divider
•
±20mV Accuracy for VTT and VTTREF
•
Independent Over-Current-Limit (OCL)
•
Thermal Shutdown Protection
•
QFN-24 4mmx4mm Thin Package (TQFN4x4-24A)
for APW8813 and QFN-20 3mmx3mm Thin
Package (TQFN3x3-20) for APW8813A
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
•
DDR2, and DDR3 Memory Power Supplies
•
SSTL-2 SSTL-18 and HSTL Termination
The APW8813/A integrates a synchronous buck PWM
controller to generate VDDQ, a sourcing and sinking LDO
linear regulator to generate VTT. It provides a complete
power supply for DDR2 and DDR3 memory system. It
offers the lowest total solution cost in system where space
is at a premium.
The APW8813/A provides excellent transient response
and accurate DC voltage output in either PFM or PWM
Mode. In Pulse Frequency Mode (PFM), the APW8813/A
provides very high efficiency over light to heavy loads with
loading-modulated switching frequencies. On TQFN4x4-
24A package, the Forced PWM Mode works nearly at con-
stant frequency for low-noise requirements.
The APW8813/A is equipped with accurate current-limit,
output under-voltage, and output over-voltage protections.
A Power-On-Reset function monitors the voltage on V
CC
prevents wrong operation during power on.
The LDO is designed to provide a regulated voltage with
bi-directional output current for DDR-SDRAM termination.
The device integrates two power transistors to source or
sink current up to 1.5A. It also incorporates current-limit
and thermal shutdown protection.
The output voltage of LDO tracks the voltage at VTTREF
pin. An internal resistor divider is used to provide a half
voltage of VDDQ for VTTREF and VTT Voltage. The VTT
output voltage is only requiring 20
µF of ceramic output
capacitance for stability and fast transient response. The
S3 and S5 pins provide the sleep state for VTT (S3 state)
and suspend state (S4/S5 state) for device, when S5 and
S3 are both pulled low the device provides the soft-off for
VTT and VTTREF.
The APW8813/A is available in 4mmx4mm 24-pin TQFN
package, and the APW8813A is available in 3mmx3mm
20-pin TQFN package.


Similar Part No. - APW8813

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
System Power PWM Controller for Notebook Computers with Charge Pump
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
High-Performance Notebook PWM Controller
More results

Similar Description - APW8813

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Anpec Electronics Corop...
APW8819 ANPEC-APW8819 Datasheet
793Kb / 28P
DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com