Electronic Components Datasheet Search
  English  ▼

X  

APW8813 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8813 Datasheet HTML 1Page - Anpec Electronics Coropration APW8813 Datasheet HTML 2Page - Anpec Electronics Coropration APW8813 Datasheet HTML 3Page - Anpec Electronics Coropration APW8813 Datasheet HTML 4Page - Anpec Electronics Coropration APW8813 Datasheet HTML 5Page - Anpec Electronics Coropration APW8813 Datasheet HTML 6Page - Anpec Electronics Coropration APW8813 Datasheet HTML 7Page - Anpec Electronics Coropration APW8813 Datasheet HTML 8Page - Anpec Electronics Coropration APW8813 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW8813/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTT OUTPUT
VLDOIN = VVDDQSNS = 1.8V
-
0.9
-
VVTT
VTT Output Voltage
VLDOIN = VVDDQSNS = 1.5V
-
0.75
-
V
VLDOIN = VVDDQSNS = 1.8V, VVDDQSNS/2 - VVTT,
IVTT = 0A
-20
-
20
VLDOIN = VVDDQSNS = 1.8V, VVDDQSNS/2 - VVTT,
IVTT = 1.5A
-30
-
30
VLDOIN = VVDDQSNS = 1.5V, VVDDQSNS/2 - VVTT,
IVTT = 0A
-20
-
20
VVTT
VTT Output Tolerance
VLDOIN = VVDDQSNS = 1.5V, VVDDQSNS/2 - VVTT,
IVTT = 1.5A
-30
-
30
mV
TJ = 25
oC
1.8
2
3
Sourcing Current
(VIN = 1.8V)
TJ = 125
oC
1.6
-
-
TJ = 25
oC
-2
-2.2
-3
Sinking Current
(VIN = 1.8V)
TJ = 125
oC
-1.6
-
-
A
TJ = 25
oC
1.6
1.8
2.6
Sourcing Current
(VIN = 1.5V)
TJ = 125
oC
1.1
-
-
TJ = 25
oC
-1.6
-1.8
-2.6
ILIM
Current-Limit
Sinking Current
(VIN = 1.5V)
TJ = 125
oC
-1.1
-
-
A
Upper MOSFET
-
350
500
RDS(ON)
VTT Power MOSFETs RDS(ON)
Lower MOSFET
-
350
500
m
Ω
IVTTLK
VTT Leakage Current
VVTT = 1.25V, VS3 = 0V, VS5 = 5V, TA = 25
oC
-1.0
-
1.0
µA
IVTTSNSLK
VTTSNS Leakage Current
VVTT = 1.25V, TA = 25
oC
-1.00
0.01
1.00
µA
IVTTDIS
VTT Discharge Current
VVTT = 0.5V, VS3 = VS5 = 0V, TA = 25
oC,
VVREF = 0V
15
25
35
mA
VTTREF OUTPUT
VLDOIN = VVDDQSNS = 1.8V, VVDDQSNS/2
-
0.9
-
VVTTREF
VTTREF Output Voltage
VLDOIN = VVDDQSNS = 1.5V, VVDDQSNS/2
-
0.75
-
V
0mA < IVTTREF < 10mA, VVDDQSNS/2 - VVTTREF
VLDOIN = VVTTREF =1.8V
-18
-
+18
VTTREF Tolerance
0mA < IVTTREF < 10mA, VVDDQSNS/2 - VVTTREF
VLDOIN = VVDDQSNS = 1.5V
-20
-
+20
mV
VTTREF Source Current
VVTTREF = 0V
10
20
40
mA
IVTTREF
VTTREF Sink Current
VVTTREF = 1.5V, VTT=0.75V
-10
-20
-40
mA
VDDQ OUTPUT
VVDDQSET = 5V, No load, TA = 25
oC
1.787
1.8
1.813
V
VVDDQSET = 5V, No load, TA = -40
oC to 85oC
1.782
1.8
1.818
V
VVDDQ
1.8V VDDQ Output Voltage
VVDDQSET = 5V, Load = 0 to 10A, TA = 25
oC
1.764
1.8
1.836
V
Refer to the typical application circuits. These specifications apply over V
VCC=VPVCC=VBOOT=5V, VIN=12V and TA= -40 ~ 85 °C, unless
otherwise specified. Typical values are at T
A=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com