Electronic Components Datasheet Search
  English  ▼

X  

APW8813 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8813 Datasheet HTML 1Page - Anpec Electronics Coropration APW8813 Datasheet HTML 2Page - Anpec Electronics Coropration APW8813 Datasheet HTML 3Page - Anpec Electronics Coropration APW8813 Datasheet HTML 4Page - Anpec Electronics Coropration APW8813 Datasheet HTML 5Page - Anpec Electronics Coropration APW8813 Datasheet HTML 6Page - Anpec Electronics Coropration APW8813 Datasheet HTML 7Page - Anpec Electronics Coropration APW8813 Datasheet HTML 8Page - Anpec Electronics Coropration APW8813 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
4
Thermal Characteristics (Note 3)
Symbol
Parame ter
Typical Value
Unit
θ
JA
Thermal Resistance - Junction to Ambient
TQFN4x4-24A
TQFN3x3-20
52
68
°C/W
θ
JC
Thermal Resistance - Junction to Case
TQFN4x4-24A
TQFN3x3-20
7
8
°C/W
Note 3:
θ
JA and θJC are measured with the component mounted on a high effective the thermal conductivity test board in free air. The
exposed pad of package is soldered directly on the PCB.
Symbol
Parameter
Range
Unit
V
CC, VPVCC
VCC and PVCC Supply Voltage
4.5 ~ 5.5
V
V
IN
Converter Input Voltage
3 ~ 28
V
VVDDQ
Converter Output Voltage
0.75 ~5.5V/ DDR2 (1.8V)/
DDR3 (1.5V)
V
VVTT
LDO Output Voltage
0.375 ~ 2.75
V
I
OUT
Converter Output Current
0 ~ 15
A
IVTT
LDO Output Current
-1.5 ~ +1.5
A
C
VCC, CPVCC
VCC and PVCC Capacitance
1~
µF
CVTT
VTT Output Capacitance
10~100
µF
CVTTREF
VTTREF Output Capacitance
0.01~0.1
µF
T
A
Ambient Temperature
-40 ~ 85
oC
T
J
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 4)
Note 4: Refer to the typical application circuit.
Electrical Characteristics
APW8813/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IPVCCSDN
PVCC Shutdown Current
TA =25
oC, V
S3 = VS5 = 0V, no load
-
0.1
1
µA
IVCC
VCC Supply Current
TA = 25
oC, V
S3 = VS5 = 5V, no load,
PVCC Plus VCC Current, No Switching
-
0.8
3
mA
IVCCSTB
VCC Standby Current
TA = 25
oC, V
S3 = 0V, VS5 = 5V, no load,
PVCC Plus VCC Current, No Switching
-
240
800
µA
IVCCSDN
VCC Shutdown Current
TA =25
oC, V
S3 = VS5 = 0V, no load
-
0.1
1
µA
ILDOIN
LDOIN Supply Current
TA = 25
oC, V
S3 = VS5 = 5V, no load
-
-
40
µA
ILDOINSTB
LDOIN Standby Current
TA = 25
oC, V
S3 = 0V, VS5 = 5V, no load
-
0.1
10
ILDOINSDN
LDOIN Shutdown Current
TA = 25
oC, V
S3 = VS5 = 0V, no load
-
0.1
1
µA
POWER-ON-RESET
VCC POR Threshold
VCC Rising
4.0
4.2
4.4
V
VCC POR Hysteresis
-
100
-
mV
Refer to the typical application circuits. These specifications apply over V
VCC=VPVCC=VBOOT=5V, VIN=12V and TA= -40 ~ 85 °C, unless
otherwise specified. Typical values are at T
A=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com