Electronic Components Datasheet Search
  English  ▼

X  

APW8813 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8813 Datasheet HTML 1Page - Anpec Electronics Coropration APW8813 Datasheet HTML 2Page - Anpec Electronics Coropration APW8813 Datasheet HTML 3Page - Anpec Electronics Coropration APW8813 Datasheet HTML 4Page - Anpec Electronics Coropration APW8813 Datasheet HTML 5Page - Anpec Electronics Coropration APW8813 Datasheet HTML 6Page - Anpec Electronics Coropration APW8813 Datasheet HTML 7Page - Anpec Electronics Coropration APW8813 Datasheet HTML 8Page - Anpec Electronics Coropration APW8813 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1, 2)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VPVCC
PVCC Supply Vo ltage (PVCC to GND)
-0.3 ~ 7
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND)
-0 .3 ~ 35
V
UGATE Voltage (UGATE to PHASE)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ V
BOOT+0.3
-0.3 ~ VBOOT+0.3
V
LGATE Voltage (LGATE to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ PVCC+0.3
-0.3 ~ PVCC+0.3
V
PHASE Voltage (PHASE to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ 35
-0 .3 ~ 28
V
PGND, VTTGND and CS_GND to GND Voltage
-0.3 ~ 0.3
V
All Other Pins (CS, MODE, S3, S5, VTTSNS, VDDQSNS, LDOIN, FCCM,
VDDQSE T, PGOOD, VTT, VTTREF GND)
-0.3 ~ 7
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
T
SDR
Maximum Soldering Temperature, 10 Seconds
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Note 2: The device is ESD sensitive. Handling precautions are recommended.
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW8813/A
Handling Code
Temperature Range
Package Code
APW8813
XXXXX
Package Code
QB : TQFN4x4-24A
QB : TQFN3x3-20
Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW8813
QB :
Assembly Material
XXXXX - Date Code
APW
8813A
XXXXX
APW8813A QB :
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com