Electronic Components Datasheet Search
  English  ▼

X  

APW8813 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW8813 Datasheet HTML 14Page - Anpec Electronics Coropration APW8813 Datasheet HTML 15Page - Anpec Electronics Coropration APW8813 Datasheet HTML 16Page - Anpec Electronics Coropration APW8813 Datasheet HTML 17Page - Anpec Electronics Coropration APW8813 Datasheet HTML 18Page - Anpec Electronics Coropration APW8813 Datasheet HTML 19Page - Anpec Electronics Coropration APW8813 Datasheet HTML 20Page - Anpec Electronics Coropration APW8813 Datasheet HTML 21Page - Anpec Electronics Coropration APW8813 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
18
Typical Application Circuit
VDDQ=Adjustable, External LDOIN
APW8813A
VTTGND
VTTREF
LGATE
VCC
PVCC
CS
PGND
VTTSNS
GND
APW8813A
TQFN-20
VDDQ
10A
COUT
Q1
Q2
LOUT
CIN
VIN
7V~25V
1uH
150uF x 2
10uF x 2
CBOOT
0.1uF
RTOP
75K, 1%
RGND
75K, 1%
PGOOD
CPVCC
4.7uF
PVCC
RPGOOD
100k
RCS
5.1K, 1%
CVCC
1uF
RVCC
2.2
VTTREF
VDDQ/2
0.033uF
CVTTREF
VTT
VDDQ/2
10uF x 2
CVTT
VDDQ
VDDQ
PHASE
VIN or PHASE
RTON
1.2M
VCC
VDDQSNS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com