Electronic Components Datasheet Search
  English  ▼

X  

APW8813 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW8813
Description  DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8813 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW8813 Datasheet HTML 10Page - Anpec Electronics Coropration APW8813 Datasheet HTML 11Page - Anpec Electronics Coropration APW8813 Datasheet HTML 12Page - Anpec Electronics Coropration APW8813 Datasheet HTML 13Page - Anpec Electronics Coropration APW8813 Datasheet HTML 14Page - Anpec Electronics Coropration APW8813 Datasheet HTML 15Page - Anpec Electronics Coropration APW8813 Datasheet HTML 16Page - Anpec Electronics Coropration APW8813 Datasheet HTML 17Page - Anpec Electronics Coropration APW8813 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Sep., 2012
APW8813/A
www.anpec.com.tw
14
Operating Waveforms
S3 Enable-Shutdown
Load Transient, I
VDDQ = 0A->10A->0A PFM
Mode
Load Transient, I
VDDQ = 0A->10A->0A Force
PWM Mode (Only for APW8813)
CH1: VS3 (5V/div)
CH2: VVDDQ (1V/div)
CH3: VVTTREF (500mV/div)
CH4: VVTT (500mV/div)
Time: 10ms/div
1
2
3
4
1
2
3
4
1
2
3
4
CH1: VVDDQ (200mV/div)
CH2: VUGATE (20V/div)
CH3: VLGATE (5V/div)
CH4: IL (10A/div)
Time: 20
µs/div
CH1: VVDDQ (200mV/div)
CH2: VUGATE (20V/div)
CH3: VLGATE (5V/div)
CH4: IL (10A/div)
Time: 20
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com