Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 4Page - Anpec Electronics Coropration 2011A Datasheet HTML 5Page - Anpec Electronics Coropration 2011A Datasheet HTML 6Page - Anpec Electronics Coropration 2011A Datasheet HTML 7Page - Anpec Electronics Coropration 2011A Datasheet HTML 8Page - Anpec Electronics Coropration 2011A Datasheet HTML 9Page - Anpec Electronics Coropration 2011A Datasheet HTML 10Page - Anpec Electronics Coropration 2011A Datasheet HTML 11Page - Anpec Electronics Coropration 2011A Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
8
APA2011/2011A
Typical Operating Characteristics (Cont.)
PSRR vs. Frequency
V
DD=5V
V
rr=0.5Vpp
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
A
V=15dB
Inputs Short
AUX-0025
AES-17(20kHz)
Frequency (Hz)
-80
+0
-70
-60
-50
-40
-30
-20
-10
20
20k
100
1k
10k
R
R
THD+N vs. Frequency
V
DD=3.6V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
P
O=0.8W
P
O=0.4W
P
O=0.2W
Frequency (Hz)
20
20k
100
1k
10k
0.005
10
0.01
0.1
1
R
THD+N vs. Frequency
V
DD=5V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
P
O=1.7W
P
O=0.5W
P
O=0.9W
Frequency (Hz)
20
20k
100
1k
10k
0.005
10
0.01
0.1
1
Frequency Response
V
DD=5V
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
P
O=0.13W
A
V=15dB
AUX-0025
AES-17(20kHz)
Amplitude
Phase
Frequency (Hz)
-160
+180
-120
-80
-40
+0
+40
+80
+120
+160
20
100k
100
1k
10k
-0
+18
+2
+4
+6
+8
+10
+12
+14
+16
CMRR vs. Frequency
V
DD=5V
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
V
O=1Vrms
A
V=15dB
AUX-0025
AES-17(20kHz)
Frequency (Hz)
20
20k
100
1k
10k
-80
+0
-70
-60
-50
-40
-30
-20
-10
THD+N vs. Frequency
V
DD=2.4V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
P
O=0.3W
P
O=0.2W
Frequency (Hz)
20
20k
100
1k
10k
0.005
10
0.01
0.1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com