Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 17 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 17 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 13Page - Anpec Electronics Coropration 2011A Datasheet HTML 14Page - Anpec Electronics Coropration 2011A Datasheet HTML 15Page - Anpec Electronics Coropration 2011A Datasheet HTML 16Page - Anpec Electronics Coropration 2011A Datasheet HTML 17Page - Anpec Electronics Coropration 2011A Datasheet HTML 18Page - Anpec Electronics Coropration 2011A Datasheet HTML 19Page - Anpec Electronics Coropration 2011A Datasheet HTML 20Page - Anpec Electronics Coropration 2011A Datasheet HTML 21Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
17
APA2011/2011A
Function Description (Cont.)
Figure 4. APA2011 Output Signal vs. Time
A.
The output level excesses the AGC start point.
B.
A to B is the attack time (32ms), but the Gain needs to
change at output signal zero crossing.
C.
The output level is under the limit level.
D.
D to E is release time (512ms), but the Gain needs to change
at output signal zero crossing..
When the APA2011/2011A senses the input signal ex-
cesses the start point of DRC/Non-clipping, it needs 32ms
to decrease the gain, this calls “Attack Time”. And if the
input signal is small than the threshold about 512ms, the
gain will be recovery, this time calls “ release time”.
The APA2011’s compress ratio is 2:1, it means when the
input signal has the 2dB change, the output signal will
change 1dB. Because most small form speakers have
only small dynamic range, the compress allows input
signal with large dynamic range to fit into a small speaker
with small dynamic rage.
And the APA2011A is just decrease the gain to avoid the
output signal clipping, and the maximum control is 15dB
gain.
Dynamic Range Control Function
Figure 3. APA2011 Auto Gain Control Function
The APA2011 provides the 15 steps Dynamic Range Con-
trol (DRC), and the range is from 15dB to 0dB, 1dB/step.
DRC provides continuous automatic gain adjustment to
the amplifier through an internal Programmable Gain
Amplifier (PGA). This feature enhances the perceived
audio loudness and prevents speaker damage from oc-
curring clipping at the same time.
The equations 1 & 2 are the method that set the maxi-
mum output power. If the R
1=40k Ω , the VDR is 4V.
Therefore, the maximum output power is 1.125W
(R
L=4Ω), and the output voltage swing is limited at 3Vpp
(1.5Vp) [The limited voltage can be calculated by 4V(V
DR)-
2.5V(Internal Bypass Voltage)=1.5V]. The AGC start point
is 0.536V
PP (1.5Vp/5.6(AV)=0.268VP) at output, it means
when the output power excesses 0.036W, the AGC will
start work and decrease the gain by 1dB. If the input sig-
nal increase un-limit, the gain will be decreased until the
maximum gain attenuation (15dB).
Maximum Output Power
A
V=0dB
A
V=15dB
AGC Start Point
V
IN
Power Limit
Attack Time and Release Time
Time
Limit Level
Limit Level
Time
Gain
Release
Time
Attack Time
A
B
C
D
Limit Level
Limit Level
Non-Clipping Function (APA2011A) (Cont.)
Note: *The setting value has 15% variation by IC process and
this equation only for WLCSP1.5x1.5-9 package, the TDFN3x3-8
package’s output power will less than the calculation.
Shutdown Operation
In order to reduce power consumption while not in use,
the APA2011/2011A contains a shutdown function to ex-
ternally turn off the amplifier bias circuitry. This shutdown
feature turns the amplifier off when logic low is placed on
the SD pin for APA2011/2011A. The trigger point between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com