Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 7Page - Anpec Electronics Coropration 2011A Datasheet HTML 8Page - Anpec Electronics Coropration 2011A Datasheet HTML 9Page - Anpec Electronics Coropration 2011A Datasheet HTML 10Page - Anpec Electronics Coropration 2011A Datasheet HTML 11Page - Anpec Electronics Coropration 2011A Datasheet HTML 12Page - Anpec Electronics Coropration 2011A Datasheet HTML 13Page - Anpec Electronics Coropration 2011A Datasheet HTML 14Page - Anpec Electronics Coropration 2011A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
11
APA2011/2011A
Typical Operating Characteristics (Cont.)
0
1.2
1
2
0.1
1
Input Voltage (Vrms)
V
DD=5V
V
DR=4V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
TDFN-8
APA2011A Non-Clipping Function_TDFN
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
Supply Current vs. Supply Voltage
Supply Voltage (V)
No load
0
1
2
3
4
5 5.5
0
1
2
3
4
5
Shutdown Current vs. Supply Voltage
Supply Voltage (V)
No load
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5 5.5
VDR vs. Output Power (8
Ω)
0
1
2
3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
VDR (V)
Typ
Max
Min
V
DD=5V
0
1.2
1
2
0.01
1
V
DD=5V
V
DR=4V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
WLCSP-9
Input Voltage (Vrms)
APA2011A Non-Clipping Function_WLCSP
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
0
1.6
1
2
0.1
1
V
DD=5V
V
DR=4.23V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
WLCSP-9
Input Voltage (Vrms)
APA2011A Non-Clipping Function_WLCSP
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com