Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 23 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 23 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 19Page - Anpec Electronics Coropration 2011A Datasheet HTML 20Page - Anpec Electronics Coropration 2011A Datasheet HTML 21Page - Anpec Electronics Coropration 2011A Datasheet HTML 22Page - Anpec Electronics Coropration 2011A Datasheet HTML 23Page - Anpec Electronics Coropration 2011A Datasheet HTML 24Page - Anpec Electronics Coropration 2011A Datasheet HTML 25Page - Anpec Electronics Coropration 2011A Datasheet HTML 26Page - Anpec Electronics Coropration 2011A Datasheet HTML 27Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
23
APA2011/2011A
Package Information
TDFN3x3-8
D
Pin 1
A
A1
A3
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.25
0.35
1.90
2.40
0.05
1.40
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TDFN3x3-8
0.30
0.50
1.75
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.010
0.014
0.075
0.094
0.055
0.012
0.020
0.70
0.069
0.028
0.002
0.65 BSC
0.026 BSC
0.20
0.008
K
2.90
3.10
0.114
0.122
2.90
3.10
0.114
0.122
Pin 1 Corner
D2
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com