Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 16Page - Anpec Electronics Coropration 2011A Datasheet HTML 17Page - Anpec Electronics Coropration 2011A Datasheet HTML 18Page - Anpec Electronics Coropration 2011A Datasheet HTML 19Page - Anpec Electronics Coropration 2011A Datasheet HTML 20Page - Anpec Electronics Coropration 2011A Datasheet HTML 21Page - Anpec Electronics Coropration 2011A Datasheet HTML 22Page - Anpec Electronics Coropration 2011A Datasheet HTML 23Page - Anpec Electronics Coropration 2011A Datasheet HTML 24Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
20
APA2011/2011A
Output Low-Pass Filter (Cont.)
Application Information (Cont.)
OUTP
OUTN
8
Ω
1
µF
36
µH
36
µH
1
µF
Figure 6. LC output filter for 8
Ω speaker
OUTP
OUTN
4
Ω
2.2
µF
18
µH
18
µH
2.2
µF
Figure 7. LC Output Filter for 4
Ω Speaker
Figure 6 and 7’s low pass filter cut-off frequency are 25kHz
(F
C).
(6)
Power-Supply Decoupling Capacitor, C
S
The APA2011/2011A is a high-performance CMOS audio
amplifier that requires adequate power supply decoupling
to ensure the output total harmonic distortion (THD) is as
low as possible. Power supply decoupling also prevents
the oscillations being caused by long lead length be-
tween the amplifier and the speaker.
The optimum decoupling is achieved by using two differ-
ent types of capacitors that targets on different types of
noise on the power supply leads. For higher frequency
transients, spikes, or digital hash on the line, a good low
equivalent-series-resistance (ESR) ceramic capacitor,
typically 0.1
µF placed as close as possible to the device
VDD pin for works best. For filtering lower frequency noise
signals, a large aluminum electrolytic capacitor of 10
µF
or greater placed near the audio power amplifier is
recommended.
Layout Recommendation
Figure 8. WLCSP1.5x1.5-9 Land Pattern Recommenda-
tion
Figure 9. TDFN3x3-8 Land Pattern Recommendation
0.65mm
1.8mm
Ground Plane for
ThermalPAD
0.35mm
1.2mm
0.275mm
ThermalVia Diamater
12milx5
1. All components should be placed close to the APA2011/
2011A. For example, the input capacitor (C
i) should be
close to APA2011/2011A’s input pins to avoid causing
noise coupling to APA2011/2011A’s high impedance
inputs; the decoupling capacitor (C
S) should be placed
by the APA2011’s power pin to decouple the power rail
noise.
9X
Φ0.275mm
.
0.5mm
LC
2
1
f
C(lowpass)
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com