Electronic Components Datasheet Search
  English  ▼

X  

2011A Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # 2011A
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

2011A Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button 2011A Datasheet HTML 12Page - Anpec Electronics Coropration 2011A Datasheet HTML 13Page - Anpec Electronics Coropration 2011A Datasheet HTML 14Page - Anpec Electronics Coropration 2011A Datasheet HTML 15Page - Anpec Electronics Coropration 2011A Datasheet HTML 16Page - Anpec Electronics Coropration 2011A Datasheet HTML 17Page - Anpec Electronics Coropration 2011A Datasheet HTML 18Page - Anpec Electronics Coropration 2011A Datasheet HTML 19Page - Anpec Electronics Coropration 2011A Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
16
APA2011/2011A
Function Description
Fully Differential Amplifier
The APA2011/2011A is a fully differential amplifier with
differential inputs and outputs. The fully differential has
some advantages versus traditional amplifier. First, don’t
need the input coupling capacitors because the com-
mon-mode feedback will compensate the input bias. The
inputs can biased from 0.5V to V
DD-0.5V, and the outputs
still be biased at mid-supply of APA2011/2011A. If the in-
puts are biased out of the input range, the coupling ca-
pacitors are required. Second, don’t need the mid-sup-
ply capacitor (C
B) because any shift of the mid-supply of
APA2011/2011A will have the same affect for both positive
& negative channel, and will cancel at the differential
outputs. Third, the fully differential amplifier will cancel
the GSM RF transmitter’s signal (217Hz).
Class D Operation
V
OUTP
V
OUT
(V
OUTP-VOUTN)
I
OUT
I
OUT
Output = 0V
Output > 0V
I
OUT
Output < 0V
V
OUTN
V
OUTP
V
OUTN
V
OUTN
V
OUTP
V
OUT
(V
OUTP-VOUTN)
V
OUT
(V
OUTP-VOUTN)
Figure 1. APA2011/2011 Output Waveform (Voltage &
Current)
The APA2011/2011A modulation scheme is shown in fig-
ure 1. The outputs V
OUTP and VOUTN are in phase with each
other when no input signals. When output > 0V, the duty
cycle of V
OUTP is greater than 50% and VOUTN is less than
50%; when output <0V, the duty cycle of V
OUTP is less than
50% and V
OUTN is greater than 50%. This method reduces
the switching current across the load and reduces the I2R
losses in the load that improves the amplifier’s efficiency.
This modulation scheme has very short pulses across
the load, this making the small ripple current and very
little loss on the load, and the LC filter can be eliminated
in most applications. Added the LC filter can increase the
efficiency by filter the ripple current.
Non-Clipping Function (APA2011A)
Figure 2. APA2011A Non-Clipping Control Function
V
IN
A
V=15dB
Maximum Output Power
A
V=0dB
The APA2011A provides the 15 steps Non-Clipping
Control, and the range is from 15dB to 0dB, 1dB/step.
When the output reaches the maximum power setting
value, the internal Programmable Gain Amplifier (PGA)
will decrease the gain for prevent the output waveform
clipping. This feature prevents speaker damage from
occurring clipping.
Using the DR pin to set the non-clipping function and
limit the output power. Disable the AGC, when V
DR<0.2VDD,
and if the 0.2V
DD<VDR<0.55VDD, the VDR is set to 0.55VDD by
internal, this is maximum power limit (Minimum the out-
put power).
(1)
DD
1
1
DR
V
k
10
R
R
V
×
Ω
+
=
SPK
2
DD
DR
O
R
)
V
5
.
0
V
(
2
P
*
−
=
R
SPK: Speaker Resistor (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com