Electronic Components Datasheet Search
  English  ▼

X  

AIC1571CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1571CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1571CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1571CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AIC1571
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
LINEAR CONTROLLER
Regulation
0 < IGATE2/3 < 10mA
-2.5
+2.5
%
Under-Voltage Level
FB2/3 falling
FB2/3UV
70
80
%
PWM CONTROLLER ERROR AMPLIFIER
DC GAIN
76
dB
Gain Bandwidth Product
GBWP
11
MHz
Slew Rate
COMP1=10pF
SR
6
V/
µS
PWM CONTROLLER GATE DRIVER
Upper Drive Source
VCC=12V, VUGATE=11V
RUGH
5.2
6.5
Ω
Upper Drive Sink
VCC=12V, VUGATE =1V
RUGL
3.3
5
Ω
Lower Drive Source
VCC=12V, VLGATE=11V
RLGH
4.1
6
Ω
Lower Drive Sink
VCC=12V, VLGATE=1V
RLGL
35
Ω
PROTECTION
VOUT1 Voltage Over-Voltage
Trip
VSEN Rising
OVP
112
115
118
%
OCSET Current Source
VOCSET=4.5VDC
IOCSET
170
200
230
µA
FAULT Sourcing Current
VFAULT=10V
IOVP
10
16
mA
Soft-Start Current
ISS
11
µA
Chip Shutdown Soft Start
Threshold
1.0
V
POWER GOOD
VOUT1 Upper Threshold
VSEN Rising
109
110.5
112
%
VOUT1 Under-Voltage
VSEN Falling
90.5
92
93.5
%
VOUT1 Hysteresis
(VSEN/DACOUT)
Upper and Lower Thresh-
old
3%
PGOOD Voltage Low
IPGOOD=-4mA
VPGOOD
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com