Electronic Components Datasheet Search
  English  ▼

X  

AIC1571CS Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1571CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1571CS Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1571CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 13Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AIC1571
9
Pin 9: SS:
Soft-start pin. Connect a ca-
pacitor from this pin to ground.
This capacitor, along with an in-
ternal 10
µA (typically) current
source, sets the soft-start inter-
val
of
the
converter.
Pulling this pin low will shut
down the IC.
Pin 10: RT:
Frequency adjustment pin. Con-
necting a resistor (RT) from this
pin to GND, increasing the fre-
quency. Connecting a resistor
(RT) from this pin to VCC, de-
creasing the frequency by the
following figure (Fig.3).
Pin 11: FB2:
Connect this pin to a resistor di-
vider to set the linear controller
output voltage.
Pin 12: VIN2:
This pin is used to monitor the
3.3V supply. If, following a start-
up cycle, the voltage drops be-
low 2.6V (typically), the chip
shuts down. A new soft-start cy-
cle is initiated upon return of the
3.3V supply above the under-
voltage threshold.
Pin 13: GATE2: Linear Controller output drive pin.
This pin can drive either a Dar-
lington NPN transistor or a N-
channel MOSFET.
Pin 14: GND:
Signal GND for IC. All voltage
levels are measured with re-
spect to this pin.
Pin 15: GATE3: Linear Controller output drive pin.
This pin can drive either a Dar-
lington NPN transistor or a N-
channel MOSFET.
Pin 16: FB3:
Negative feedback pin for the
linear controller error amplifier
connect this pin to a resistor di-
vider to set the linear controller
output voltage.
Pin 17: COMP1: External compensation pin. This
pin is connected to error ampli-
fier output and PWM comparator.
An RC network is connected to
FB1 in to compensate the volt-
age control feedback loop of the
converter.
Pin 18: FB1:
The error amplifier inverting in-
put pin. the FB1 pin and COMP1
pin are used to compensate the
voltage-control feedback loop.
Pin 19: VSEN:
Converter output voltage sense
pin. Connect this pin to the con-
verter output. The PGOOD and
OVP comparator circuits use
this signal to report output volt-
age status and for over-voltage
protection function.
Pin 20: OCSET: Current limit sense pin. Connect
a resistor ROCSET from this pin to
the drain of the external high-
side N-MOSFET. ROCSET, an in-
ternal 200
µA current source
(IOCSET), and the upper N-
MOSFET on-resistance (RDS(ON))
set the over-current trip point
according to the following equa-
tion:
I
IR
R
PEAK
OCSET
OCSET
DS(ON)
=
×
Pin 21: PGND: Driver power GND pin. PGND
should be connected to a low
impedance
ground
plane
in
close
to
lower
N-MOSFET
source.
Pin 22: LGATE: Lower N-MOSFET gate drive pin.
Pin 23: PHASE: Over-current detection pin. Con-
nect the PHASE pin to source of
the
external
high-side
N-
MOSFET. This pin detects the
voltage drop across the high-
side N-MOSFET RDS(ON) for
over-current protection.
Pin 24: UGATE: External high-side N-MOSFET
gate drive pin. Connect UGATE
to gate of the external high-side
N-MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com