Electronic Components Datasheet Search
  English  ▼

X  

AIC1571CS Datasheet(PDF) 13 Page - Analog Intergrations Corporation

Part # AIC1571CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1571CS Datasheet(HTML) 13 Page - Analog Intergrations Corporation

Back Button AIC1571CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 13Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 14Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 15Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 16Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 17Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AIC1571
13
component selection and tight layout of critical
components, and short, wide metal trace mini-
mize the voltage spike.
1) A ground plane should be used. Locate the
input capacitors (CIN) close to the power
switches. Minimize the loop formed by CIN,
the upper MOSFET (Q1) and the lower
MOSFET (Q2) as possible. Connections
should be as wide as short as possible to
minimize loop inductance.
2) The connection between Q1, Q2 and out-
put inductor should be as wide as short as
practical. Since this connection has fast
voltage transitions will easily induce EMI.
3) The output capacitor (COUT) should be lo-
cated as close the load as possible. Be-
cause minimize the transient load magni-
tude for high slew rate requires low induc-
tance and resistance in circuit board
4) The AIC1571 is best placed over a quiet
ground plane area. The GND pin should be
connected to the groundside of the output
capacitors. Under no circumstances should
GND be returned to a ground inside the CIN,
Q1, Q2 loop. The GND and PGND pins
should be shorted right at the IC. This help
to minimize internal ground disturbances in
the IC and prevents differences in ground
potential from disrupting internal circuit op-
eration.
5) The wiring traces from the control IC to the
MOSFET gate and source should be sized
to carry 1A current. Locate COUT2 close to
the AIC1571 IC.
6) The Vcc pin should be decoupled directly to
GND by a 1uF ceramic capacitor, trace
lengths should be as short as possible.
+
+
+
VOUT
COUT
Q1
+3.3VIN
+5VIN
LOUT
GATE3
CIN
Q2
Css
SS
GATE2
PGND
LGATE
PHASE
UGATE
OCSET
VIN2
GND
VCC
+12V
+
+
Q3
VOUT3
COUT3
Power Plane Layer
Circuit Plane Layer
Via Connection to Ground Plane
+
Q4
VOUT2
COUT2
Fig. 18 Printed circuit board power planes and islands
A multi-layer printed circuit board is recom-
mended. Figure 18 shows the connections of
the critical components in the converter. The
CIN and COUT could each represent numerous
physical capacitors. Dedicate one solid layer for
a ground plane and make all critical component
ground connections with vias to this layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com