Electronic Components Datasheet Search
  English  ▼

X  

AIC1571CS Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1571CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1571CS Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1571CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AIC1571
7
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
-20
0
20
40
60
80
100
180
185
190
195
200
205
210
215
220
RT=OPEN
-20 -10 0
10
203040
5060708090 100
0.0
0.2
0.4
0.6
0.8
DACOUT=2.0V
-0.6
-0.4
-0.2
FIG.11 Oscillator Frequency vs. Temperature (
°C)
FIG.12 Temperature Drift of 24 Different Parts
-20
0
20
40
60
80
1
00
180
185
190
195
200
205
210
-20 -10
0
10
2030
4050607080
90
100
9.25
9.30
9.35
9.40
9.45
9.50
9.55
FIG.13 OCSET Current vs.Temperature (
°C)
FIG.14 SS Current vs. Temperature (
°C)
10
11
12
13
14
15
16
17
18
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
DACOUT=2.0V
V
IN=5V
NO LOAD
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-0.2
-0.1
0.0
0.1
0.2
0.3
NO LOAD
FIG.15 Vcore Drift vs. VCC (V)
FIG.16 Vcore Drift vs. VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com