Electronic Components Datasheet Search
  English  ▼

X  

AIC1571CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1571CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1571CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1571CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AIC1571
6
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
VDAC=3.5V
VDAC=1.3V
VDAC=2V
SS
FAULT
SS
10A/div
Inductor Current
Over Load
Applied
FIG. 5 Soft Start Initiates PWM Output
FIG. 6 Over-Current Operation on Inductor
VOUT1
5A to 12A Load Step
2.0VDC
VOUT3 (2mV/div)
1A to 2A Load Step
FIG. 7 Transient Response of PWM Output
FIG. 8 Transient Response of Linear Controller
-0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
0
10
20
30
40
50
60
70
80
90
DACOUT=2.0V
TA=25
°C
0
2
4
6
8
10
12
14
16
18
20
65
70
75
80
85
90
95
100
Power MOSFET : CEB6030L
Vo=2.8V
Vo=2V
Vo=1.3V
VIN=5V
Switching Frequency = 200KHz
FIG. 9 DACOUT Voltage Accuracy (%)
FIG.10 Efficiency vs. Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com