Electronic Components Datasheet Search
  English  ▼

X  

AIC1571CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1571CS
Description  5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1571CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1571CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1571CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AIC1571
5-bit DAC, Synchronous PWM Power
Regulator with Dual Linear Controllers
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1571-00 Oct 9, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
Provides 3 Regulated Voltages for Microproces-
sor Core, Clock and GTL Power.
Simple Voltage-Mode PWM Control.
Dual N-Channel MOSFET Synchronous Driver.
Operates from +3.3V, +5V and +12V Inputs.
Fast Transient Response.
Full 0% to 100% Duty Ratios.
±1.0% Output Voltage for VCORE and
±2.0%
Output Voltage Reference for VCLK and VGTL.
TTL Compatible 5-bit Digital-to-Analog Core Out-
put Voltage Selection. Range from 1.3V to 3.5V.
0.1V Steps from 2.1V to 3.5V.
0.05V Steps from 1.3V to 2.05V.
Adjustable Current Limit without External Sense
Resistor.
Microprocessor Core Voltage Protection against
Shorted MOSFET.
Power Good Output Voltage Monitor.
Over-Voltage and Over-Current Fault Monitors.
200KHz Free-Running Oscillator Programmable
up to 350KHz.
APPLICATIONS
Full Motherboard Power Regulation for Comput-
ers.
Power Integrations for 3 Output Power System.
DESCRIPTION
The AIC1571 combines a synchronous voltage
mode controller with two linear controllers as well
as the monitoring and protection functions in this
chip. The PWM controller regulates the microproc-
essor core voltage with a synchronous rectified
buck converter. One linear controller regulates
power for the GTL bus and the other linear con-
troller provides power for the clock driver circuit or
memory (1.8V)
An integrated 5 bit D/A converter that adjusts the
core PWM output voltage from 2.1V to 3.5V in 0.1V
increments and from 1.3V to 2.05V in 0.05V incre-
ments. The linear regulator uses an internal driver
device to provide 2.5V±2.5%. The linear controller
drives with an external N-channel MOSEFET to
provide 1.5V±2.5%.
This chip monitors all the output voltages. Power
Good signal is issued when the core voltage is
within ±10% of the DAC setting and the other levels
are above their under-voltage levels. Over-voltage
protection for the core output uses the lower N-
channel MOSFET to prevent output voltage above
115% of the DAC setting.
The PWM over-current function monitors the out-
put current by using the voltage drop across the
upper MOSFET’s RDS(on), eliminating the need for a
current sensing resistor
.


Similar Part No. - AIC1571CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1573CS AIC-AIC1573CS Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
More results

Similar Description - AIC1571CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Microsemi Corporation
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1664 MICROSEMI-LX1664 Datasheet
354Kb / 17P
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com