Electronic Components Datasheet Search
  English  ▼

X  

APL3207 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3207 Datasheet HTML 4Page - Anpec Electronics Coropration APL3207 Datasheet HTML 5Page - Anpec Electronics Coropration APL3207 Datasheet HTML 6Page - Anpec Electronics Coropration APL3207 Datasheet HTML 7Page - Anpec Electronics Coropration APL3207 Datasheet HTML 8Page - Anpec Electronics Coropration APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration APL3207 Datasheet HTML 10Page - Anpec Electronics Coropration APL3207 Datasheet HTML 11Page - Anpec Electronics Coropration APL3207 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
8
Operating Waveforms
(Refer to the section “Typical Application Circuits”, the test condition is V
IN=5V, TA=25
oC, unless otherwise specified)
3
CH1: V
LDOIN, 1V/div, AC
TIME: 0.1ms/div
CH3: V
LDOOUT, 200mV/div, AC
I
LDO = 10mA
LDO Line Transient Response
1
V
LDOOUT=3.3V
V
LDOIN=4 to 5V
CH2: V
SET, 2V/div, DC
CH4: I
CHG, 0.2A/div, DC
TIME: 0.1ms/div
CH3: V
STAT, 5V/div, DC
R
SET = 2K, VBATT=3.8V
Charger Start-up
(Reconnecting R
SET to GND)
4
4
3
2
I
CHG
V
STAT
V
SET
CH1: V
IN, 2V/div, DC
CH4: I
CHG, 0.2A/div, DC
TIME: 0.1ms/div
R
SET = 2K, VBATT=3.8V
V
IN Power On
1
4
1
4
V
IN
I
CHG
CH2: V
SET, 2V/div, DC
CH4: I
CHG, 0.2A/div, DC
TIME: 0.1ms/div
CH3: V
STAT, 5V/div, DC
Charger Shutdown
(Disconnecting R
SET from GND)
R
SET = 2K, VBATT=3.8V
4
3
2
I
CHG
V
STAT
V
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com