Electronic Components Datasheet Search
  English  ▼

X  

APL3207 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3207 Datasheet HTML 5Page - Anpec Electronics Coropration APL3207 Datasheet HTML 6Page - Anpec Electronics Coropration APL3207 Datasheet HTML 7Page - Anpec Electronics Coropration APL3207 Datasheet HTML 8Page - Anpec Electronics Coropration APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration APL3207 Datasheet HTML 10Page - Anpec Electronics Coropration APL3207 Datasheet HTML 11Page - Anpec Electronics Coropration APL3207 Datasheet HTML 12Page - Anpec Electronics Coropration APL3207 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
9
Operating Waveforms (Cont.)
Pin Description
PIN
NO.
NAME
FUNCTION
1
VIN
Charger Input Supply Pin. Provides power to the charger, VIN can range from 4.35V to 6.5V and should
be bypassed with at least a 1
µF capacitor.
2
BATT
Charger Output Pin. Connect this pin to the positive terminal of a Li+ battery.
4
LDOIN
LDO Regulator Input Supply Pin. Provides power to the regulator, VLDOIN can range from 3.6V to 6.5V
and should be bypassed with at least a 1
µF capacitor.
5
NC
No Connection.
6,7
LDOOUT
LDO Regulator Output. Fixed at 3.3V output, sourcing up to 150mA. The pin6 and pin7 must be
connected together.
8
STAT
Open-Drain Charge Status Output Pin. When the battery is charging, the STAT pin is pulled low by an
internal switch. In other states the STAT pin is in a high impedance state.
3,9
GND
Ground. Pin3 and pin9 must be connected together.
10
ISET
Charging Current Setting and Shutdown Pin. Connecting a resistor from this pin to GND set the charge
current when the VIN is powering the charger. Disconnecting the RSET from GND allows an internal
2.5
µA current to pull the ISET pin high, and when the ISET pin voltage exceeds the shutdown
threshold voltage, the charger enters shutdown mode.
Bottom
Pad
GND
Ground. Connect the bottom side metal pad to back side ground plane through several vias to improve
power dissipation.
(Refer to the section “Typical Application Circuits”, the test condition is V
LDOIN=5V, TA=25
oC, unless otherwise specified)
CH1: V
LDOOUT, 50mV/div, AC
CH3: I
LDO, 50mA/div, DC
TIME: 0.5ms/div
V
LDOIN = 5V
LDO Load Transient Response
1
3
V
LDOOUT
I
LDO=1mA to 150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com