Electronic Components Datasheet Search
  English  ▼

X  

APL3207 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3207 Datasheet HTML 1Page - Anpec Electronics Coropration APL3207 Datasheet HTML 2Page - Anpec Electronics Coropration APL3207 Datasheet HTML 3Page - Anpec Electronics Coropration APL3207 Datasheet HTML 4Page - Anpec Electronics Coropration APL3207 Datasheet HTML 5Page - Anpec Electronics Coropration APL3207 Datasheet HTML 6Page - Anpec Electronics Coropration APL3207 Datasheet HTML 7Page - Anpec Electronics Coropration APL3207 Datasheet HTML 8Page - Anpec Electronics Coropration APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
3
Refer to the typical application circuit. These specifications apply over V
IN=5V, VLDOIN=5V, TA= -40 ~ 85
oC, unless otherwise specified.
Typical values are at T
A=25
oC.
APL3207
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
Charge mode, RSET=10k
-
300
600
Standby mode (Charge terminated)
-
200
500
IIN
VIN Supply Current
Shutdown mode (RSET not connect,
VIN<VBATT, or VIN<VUVLO)
-
25
50
µA
IOUT=0mA
-
4
7
IQ
LDO Regulator Quiescent
Current
I
OUT=150mA
-
4
10
µA
BATT REVERSE CURRENT
BATT Standby Input Current
Standby mode, VBATT=4.2V
0
2.5
6
BATT Shutdown Input Current
Shutdown mode (RSET not connected)
-
-
1
IB ATT
BATT Sleep Input Current
Sleep mode, VIN=0V
-
-
1
µA
UNDER-VOLTAGE LOCKOUT
VUVLO
VIN UVLO Threshold
VIN rising
3.75
3.85
3.95
V
VIN UVLO Hysteresis
0.15
0.20
0.30
V
BATTERY VOLTAGE AND THRESHOLD VOLTAGE
VTERM
BATT Charge Termination
Voltage
-
4.20
-
V
TA=25
o C, V
IN =4.35~6.5V
-0.5
-
0.5
BATT Charge Termination
Voltage Accuracy
TA=-40~85
oC
-1
-
1
%
BATT Pre-charge Threshold
Voltage
2.8
2.9
3.0
V
BATT Pre-charge Hysteresis
Voltage
60
80
110
mV
VIN from low to high
80
120
160
VASD
VIN-VBATT Lockout Threshold
Voltage
VIN from high to low
40
80
120
mV
VRECHARGE
Recharge Battery Threshold
Voltage
3.9
4.05
4.2
V
VSET rising
1.15
1.21
1.3
VMSD
Manual Shutdown Threshold
Voltage
VSET falling
0.9
1.0
1.1
V
BATTERY CHARGING AND PRE-CHARGE CURRENT
RSET=10k
Without thermal regulation
91
100
109
ICHG
Charging Current
RSET=2k
Without thermal regulation
455
500
545
mA
VSET
ISET Regulation Voltage
Without thermal regulation
-
1
-
V
ISET Regulation Voltage
Accuracy
T
J=-40~125
oC, V
IN=4.35~6.5V
-0.7
-
0.7
%
ISET Pull-Up Current
VSET=1V, TA=25
oC
-
2.5
-
µA
KSET
Charging Current Set Factor
0.1A
≤ I
CHG
≤0.7A
940
1000
1060
Pre-charging Current
VBATT<2.8V, RSET=2k
20
45
70
mA
ITERM
C/10 Termination Current
Threshold
RSET=2k to 10k
8.5
10
11.5
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com