Electronic Components Datasheet Search
  English  ▼

X  

APL3207 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3207 Datasheet HTML 2Page - Anpec Electronics Coropration APL3207 Datasheet HTML 3Page - Anpec Electronics Coropration APL3207 Datasheet HTML 4Page - Anpec Electronics Coropration APL3207 Datasheet HTML 5Page - Anpec Electronics Coropration APL3207 Datasheet HTML 6Page - Anpec Electronics Coropration APL3207 Datasheet HTML 7Page - Anpec Electronics Coropration APL3207 Datasheet HTML 8Page - Anpec Electronics Coropration APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration APL3207 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Precharge Threshold Voltage vs.
Junction Temperature
Recharge Threshold Voltage vs.
Junction Temperature
Charge Current vs. BATT Voltage
Charge Current vs. VIN
Supply Voltage
Charge Current vs.
Ambient Temperature
Power FET On Resistance vs.
Junction Temperature
(Refer to the section “Typical Application Circuits”, V
IN=5V, VLDOIN=5V, TA=25
oC, unless otherwise specified)
3.99
4.01
4.03
4.05
4.07
4.09
4.11
-50
-25
0
25
50
75
100
V
IN = 5V
R
SET = 10K
Junction Temperature (oC )
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
-50
-25
0
25
50
75
100
Junction Temperature (oC)
V
IN = 5V
R
SET = 10K
0
100
200
300
400
500
600
4
4.5
5
5.5
6
6.5
T
A=40
oC
T
A=70
oC
V
BATT = 4V, RSET = 2K
V
LDOIN=VIN, ILDO=150mA
VIN Supply Voltage (V)
0
100
200
300
400
500
600
2.7
3
3.3
3.6
3.9
4.2
4.5
BATT Voltage (V)
T
A=40
oC
T
A=70
oC
V
IN = 5V, RSET = 2K
V
LDOIN=5V, ILDO=150mA
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
Ambient Temperature (oC)
V
IN = 5V, VBATT = 4V
V
LDOIN=5V, ILDO=0mA
R
SET = 10K
R
SET = 2K
0.3
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
Junction Temperature (oC)
V
IN = 4.2V
I
CHG = 0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com