Electronic Components Datasheet Search
  English  ▼

X  

APL3207 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3207 Datasheet HTML 1Page - Anpec Electronics Coropration APL3207 Datasheet HTML 2Page - Anpec Electronics Coropration APL3207 Datasheet HTML 3Page - Anpec Electronics Coropration APL3207 Datasheet HTML 4Page - Anpec Electronics Coropration APL3207 Datasheet HTML 5Page - Anpec Electronics Coropration APL3207 Datasheet HTML 6Page - Anpec Electronics Coropration APL3207 Datasheet HTML 7Page - Anpec Electronics Coropration APL3207 Datasheet HTML 8Page - Anpec Electronics Coropration APL3207 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
4
Refer to the typical application circuit. These specifications apply over V
IN=5V, VLDOIN=5V, TA= -40 ~ 85
oC, unless otherwise specified.
Typical values are at T
A=25
oC.
APL3207
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CHARGER DROPOUT VOLTAGE
Power FET On Resistance
-
800
1200
m
Ω
VIN to VBATT Dropout Voltage
ICHG=0.5A, VIN=5V
-
400
600
mV
STAT PIN AND THERMAL REGULATION
VSTAT
STAT Output Low Voltage
ISTAT=5mA
-
0.35
0.6
V
STAT Off-leakage Current
VSTAT=5V
-
-
1
µA
TLIM
Thermal Regulation Threshold
-
120
-
oC
SOFT-START AND TIMING
TSS
Charge Current Soft-Start Interval
ICHG=0A to full charging current
TA=25
oC
-
100
-
µs
TRECHARGE
Recharge Comparator Filter Time
VBATT high to low
0.75
2
4.5
ms
TTERM
Termination Comparator Filter Time
ICHG falling below ICHG/10
0.4
1
2.5
ms
REGULATOR OUTPUT VOLTAGE
VLDOOUT
LDO Regulator Output Voltage
3.234
3.300
3.366
V
REGLINE
LDO Regulator Line Regulation
VLDOOUT+0.5V<VLDOIN<6V
-
2
10
mV
REGLODE
LDO Regulator Load Regulation
0mA<ILDO<150mA
-
15
30
mV
VDROP
LDO Regulator Dropout Voltage
ILDO=150mA
-
200
300
mV
PSRR
LDO Regulator Power Supply Ripple
Rejection Ratio
f=1kHz, ILDO=10mA
30
40
-
dB
LDO Regulator Output Noise
f=22KHz to 80kHz, ILDO=10mA
-
200
250
µV
RMS
REGULATOR PROTECTION
ILIM
LDO Regulator Output Current Limit
200
300
400
mA
ISHORT
LDO Regulator Short Circuit Current
VLDOOUT=0V
40
50
60
mA
Regulator Thermal Shutdown
Temperature
-
135
-
oC
Regulator Thermal Shutdown
Hysteresis
-
20
-
oC
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com