Electronic Components Datasheet Search
  English  ▼

X  

APL3207 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL3207
Description  Li Battery Charger and Low Dropout Linear Regulator Combo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3207 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL3207 Datasheet HTML 10Page - Anpec Electronics Coropration APL3207 Datasheet HTML 11Page - Anpec Electronics Coropration APL3207 Datasheet HTML 12Page - Anpec Electronics Coropration APL3207 Datasheet HTML 13Page - Anpec Electronics Coropration APL3207 Datasheet HTML 14Page - Anpec Electronics Coropration APL3207 Datasheet HTML 15Page - Anpec Electronics Coropration APL3207 Datasheet HTML 16Page - Anpec Electronics Coropration APL3207 Datasheet HTML 17Page - Anpec Electronics Coropration APL3207 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2012
APL3207
www.anpec.com.tw
14
Input Capacitors
The APL3207 requires proper input capacitors to supply
surge current during stepping load transients to prevent
the input rail from dropping. The 1
µF ceramic capacitors
are recommended to place on the input supply pins (VIN
and VLDOIN) to the GND. Place the capacitors as close
as possible to the input supply pins for well operation. In
some start-up conditions, it may necessary to protect the
device against a hot plug input voltage. Adding a 6V input
zener diode between the input supply pins and the GND
clamps the input voltage peak.
Output Capacitors
Application Information
The APL3207 has two output pins, which are charger
output pin BATT and regulator 3.3V output pin LDOOUT.
The output capacitor of charger is recommended to use
2.2
µF ceramic capacitor to ensure the battery charge
stability.
The output capacitor of regulator also can use ceramic
capacitor, and its proper value is between 1
µF and 2.2µF,
ESR must above 10m
Ω. Large output capacitor values
can reduce noise and improve load-transient response,
stability, and PSRR. With X5R and X7R dielectrics, 1
µF is
sufficient at all operating temperatures.
STAT Pin
The STAT pin can be used to drive a LED or communicate
with the host processor to show the charge status. When
the status is displayed by a LED, which has a current
rating less than 5mA, a resistor should be selected to
connect LED in series, for programming at the desired
current value. The resistor is calculated by the following
equation:
LED
ON
LED
IN
LED
I
V
V
R
−
−
=
When STAT pin is monitored by a processor, there should
be a 10k
Ω to 100kΩ pull-up resistor to connect the STAT
pin and the supply voltage of the processor.
Thermal Consideration
The most common measurement of package thermal
performance is thermal resistance measured from the
device junction to the air surrounding the package sur-
face (
θ
JA). The θJA can be calculated by the following
equation:
D
A
J
JA
P
T
T
−
=
θ
where:
T
J= device junction temperature, maximum TJ=120°C
T
A= ambient temperature
P
D= device power dissipation
The device power dissipation, P
D, is a function of the
charge rate, the LDO output current and the voltages drop
across the internal FETs.
It can be calculated by the following equation:
LDO
LDOUT
LODIN
CHG
BATT
IN
D
I
)
V
V
(
I
)
V
V
(
P
×
−
+
×
−
=
PCB Layout Consideration
Connecting the battery to BATT as close as possible pro-
vides accurate battery voltage sensing. The input and
output decoupling capacitors and the programmed re-
sistor R
SET should be placed as close as possible to the
device. The high current paths (VIN and LDOIN pins for
input and BATT and LDOOUT pins for output) must be
short and wide to minimize voltage drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com