Electronic Components Datasheet Search
  English  ▼

X  

AIC1630CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1630CS
Description  2-Cell, Step-Up DC/DC Converter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1630CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AIC1630
2
ORDERING INFORMATION
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C=0
°C~+70°C
OUTPUT VOLTAGE
DEFAULT: 3.3V
3: 3.0V
5: 5.0V
A: Adjustable
ORDER NUMBER
AIC1630CN
AIC1630-3CN
AIC1630-5CN
(PLASTIC DIP)
PIN CONFIGURATION
AIC1630CS
AIC1630-3CS
AIC1630-5CS
(PLASTIC SO)
TOP VIEW
LBO
1
3
4
2
8
6
5
7
VOUT
VIN
EXT
GND
LBI
FB
SD
AIC1630ACN
(PLASTIC DIP)
AIC1630ACS
(PLASTIC SO)
TOP VIEW
LBO
1
3
4
2
8
6
5
7
VOUT
VIN
EXT
SGND
LBI
CGND
SD
AIC1630 XXX
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ………………………..…………………………….……………………… 7.0V
DC Voltage Applied On All Other Pins ………………………..…………………………. 7.0V
Operating Temperature Range ………………………….………………………… -20
°C~80°C
Storage Temperature Range …………………………….…………………… -65
°C ~150°C
TEST CIRCUIT
Refer to Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com