Electronic Components Datasheet Search
  English  ▼

X  

AIC1630CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1630CS
Description  2-Cell, Step-Up DC/DC Converter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1630CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AIC1630
4
TYPICAL PERFORMANCE CHARACTERISTICS
0.6
0.8
1
1.2
1.4
1.6
1.8
EXT Pin Voltage (V)
20
30
40
50
60
70
80
85
Ext Pin Sourcing Capability
VOUT=5V
Ta=25
°C
VOUT=3V
0
10
20
30
40
50
60
70
80
30
40
50
60
70
80
90
Ext Pin Sourcing Capability vs Temperature
Temperature (
°C)
VOUT=5V
Ext Pin Voltage=0.85V
VOUT=3V
EXT Pin Voltage (V)
35
40
45
50
55
60
65
70
75
80
85
0.6
0.8
1
1.2
1.4
1.6
1.8
2.0
Ta=25
°C
VOUT=5V
Ext Pin Sinking Capability
VOUT=3V
0
10
20
304050
60
70
80
35
37
39
41
43
45
47
49
51
53
55
Ext Pin Sinking Capability vs Temperature
Temperature (
°C)
VOUT=5V
Ext Pin Voltage=0.85V
VOUT=3V
1.5
2
2.5
3
3.5
4
4.5
5
VIN (V)
75
80
85
90
95
100
105
110
Switch off Supply Current vs Input Voltage
Ta=25
°C
Switch Off Supply Current vs Temperature
0
10
20
3040
5060
70
80
Temperature (
°C)
90
95
100
105
110
115
120
VIN=3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com