Electronic Components Datasheet Search
  English  ▼

X  

AIC1630CS Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1630CS
Description  2-Cell, Step-Up DC/DC Converter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630CS Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1630CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AIC1630
9
APPLICATION EXAMPLES (CONTINUED)
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
VIN
50
µH
+
10
µF
C3
680P
36K
SI9430DY
270
Ω
9014
5.1V
ZD1
100K
100
µF
220
µF
Quicient Current = 300
µA
R2
6.4K
R1
45K
L
O
A
D
Q2
D1
L
C2
+
R4
Q1
+
C1
R3
R5
C4
VOUT
(+5V)
Load Current (A)
1
1.5
2
2.2
2.5
3
3.5
4
75
77
79
81
83
85
87
89
VIN= 12V
VIN=8V
VIN=20V
VIN=16V
0
91
Fig. 7
5V Output Step-Down Converter -1
Q2
D1
L
C2
C3
R5
C4
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
VIN
50
µH
+
10
µF
680P
36K
SI9430DY
270
Ω
9014
5.1V
ZD1
100K
100
µF
220
µF
Quicient Current = 300
µA
R2
6.4K
R1
45K
L
O
A
D
VOUT
(+5V)
1N4148
+
R3
+
C1
D2
Q3
Q1
R4
Load Current (A)
01
2
3
4
5
80
85
90
VIN=8V
VIN= 12V
VIN= 16V
VIN=20V
Fig. 8
5V Output Step-Down Converter -2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com