Electronic Components Datasheet Search
  English  ▼

X  

AIC1630CS Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1630CS
Description  2-Cell, Step-Up DC/DC Converter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630CS Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1630CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AIC1630
7
APPLICATION EXAMPLES
LOAD
AIC1630-5
LBI
VOUT
LBO
CGND
SGND
EXT
VIN
SD
100
Ω
R3
C1
5nF C2
270
Ω
R4
+
VOUT
(+5V)
L
VIN
1N5819
D1
C3
+
Load Current (mA)
0
100
200
300
400
500
600
700
800
95
60
65
70
75
80
85
90
VIN=4.5V
VIN=3V
VIN=2.2V
VIN=2V
VIN=3.3V
Fig. 1
5V Output Step-Up Converter
LOAD
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
100
Ω
R3
C1
D2
1N4148
1K
R4
+
VOUT
(+12V)
L
VIN
1N5819
D1
C3
220
µF
47
µH
10K
R2
180K
R1
+
0
30
60
90
120
150
180
210
240
270
Load Current (mA)
70
75
80
85
VIN=5V
VIN=4.5V
VIN=3.3V
VIN=2.75V
VIN=2.25V
Note :
VIN
≥ 2.2V
Fig. 2
12V Output Step-Up Converter for Flash Memory
LOAD
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
VS(+3/5V)
C1
120
Ω
R3
+
VOUT
(+36V)
L
VIN
1N5819
D1
C3
33
µF
47
µF
220
µH
17.8K
R2
1M
R1
+
Load Current (mA)
0
1020
304050
6070
70
75
80
85
90
95
VIN=5V
VIN=20V
VIN=12V
VIN=16V
VIN=6V
VIN=8V
Vs= 5V
Fig. 3
36V Output Step-Up Converter for Color LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com