Electronic Components Datasheet Search
  English  ▼

X  

AIC1630CS Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1630CS
Description  2-Cell, Step-Up DC/DC Converter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630CS Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1630CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AIC1630
8
APPLICATION EXAMPLES (CONTINUED)
LOAD
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
C5
5nF
1.2K R3
C1
+
C4
47
µF
2.4K
R2
90K
R1
VIN
10
µF
L
VS (+3/5V)
+
D3
47
µF
C2
+
D1
1N5819
C3
0.1
µF
1N5819
D2
VOUT
(-24V)
150
µH
C6
5nF
Load Current (mA)
0
5
10
15
20
25
30
35
40
45
70
72
74
76
78
80
82
84
86
88
Vs= 5V
VIN= 10V
VIN= 20V
VIN=5V
VIN= 15V
Fig. 4
-24V Output Inverting Converter for LCD
LOAD
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
R3
C1
C4
33
µF
2.4K
R2
90K
R1
VIN
10
µF
VS (+3/5V)
+
D3
10
µF
C2
+
D1
1N5819
C5
5nF
1N5819
VOUT
(-24V)
220
µF
D4
1N4148
150
µH
+
+
R4
150
Ω
120
Ω
C3
L
D2
Load Current (mA)
0
5
10
15
20
25
56
58
60
62
64
66
68
70
72
74
76
78
Vs= 3V
VIN=5V
VIN=4V
VIN=3V
VIN=2V
Fig. 5
2V Input 20mA Load -24V Output Inverting Converter for LCD
C4
47
µF
VIN
+
D3
47
µF
C2
+
D1
1N5819
10
µF
1N5819
VOUT
(-12V)
220
µF
+
50
µH
AIC1630A
LBI
VOUT
LBO
FB
GND
EXT
VIN
SD
430
Ω
10K
R2
180K
R1
VS (+3/5V)
D4
1N4148
+
C1
+
10
µF
120
Ω
(+12V)
L
C3
C5
D2
R4
R3
VOUT
Load Current (mA)
0
10
20
30
40
50
60
70
70
75
80
85
90
95
VIN=5V
VIN= 20V
VIN=12V
VIN= 16V
VIN=6V
VIN=8V
Vs= 5V
Fig. 6
12V Dual Output Converter for computer for computer Interfacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com