Electronic Components Datasheet Search
  English  ▼

X  

AIC1630CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1630CS
Description  2-Cell, Step-Up DC/DC Converter Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1630CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1630CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1630CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC1630
3
ELECTRICAL CHARACTERISTICS (V
IN=3.0V, Ta=25°
°°°C, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
1.8
7
V
Default Output Voltage
I
L=200mA
AIC1630
AIC1630-3
AIC1630-5
3.16
2.88
4.80
3.3
3.0
5.0
3.44
3.12
5.20
V
Switch Off Current
105
140
µA
Shutdown Mode Current
7
15
µA
Recovery Time from Shutdown
V
IN=2.5V, IL=200mA
0.4
mS
Efficiency
I
L=300mA
Fig. 1 in Appl. Examples
85
%
Line Regulation
V
IN=2.2~3.3V
V
OUT=5V, IL=100mA
0.6
%V
OUT
Load Regulation
I
L=10mA~500mA
V
OUT=5V
2.5
%V
OUT
Oscillator Frequency
90
120
150
KHz
LBI Pin Trip Point
1.17
1.22
1.27
V
FB Threshold Voltage
AIC1630A
0.598
0.617
0.636
V
EXT Pin Driving Capability
Pin 8=5V, Pin 3= 0.85V
Sourcing
Sinking
80
50
mA
mA
LBO “ON Resistance”
V
IN=2V
45
Ω
Input Pin Bias Current
10
nA/Pin
Output Pin Leakage
10
nA/Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com