Electronic Components Datasheet Search
  English  ▼

X  

AIC1633CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1633CS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1633CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIC1633
3
ELECTRICAL CHARACTERISTICS (CONTINUED)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Efficiency
ILOAD =70mA
AIC1633/AIC1633-3
AIC1633-5
87
86
%
Line Regulation
ILOAD =40mA
AIC1633, VIN =2.0~3.3V
AIC1633-3, VIN =2.0~3.0V
AIC1633-5, VIN =2.2~4.5V
0.6
0.6
0.5
%VOUT
Load Regulation
ILOAD =170mA
AIC1633/AIC1633-3
AIC1633-5
0.6
0.5
%VOUT
Oscillator Frequency
90
120
150
KHz
LBI Pin Trip Point
1.17
1.22
1.27
V
FB Threshold Voltage
AIC1633A
0.598
0.617
0.636
V
SW “ON Resistance”
AIC1633/AIC1633-3
AIC1633-5
1.75
1.25
Ω
LBO “ON Resistance”
VIN=2V
45
Ω
SW Off Leakage
1
µA
Input Pin Bias Current
10
nA/Pin
Output Pin Leakage
10
nA/Pin
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Voltage vs Current
ISW (A)
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
Ta = 25
°C
AIC1633-5
AIC1633/AIC1633-3
SW ON Resistance vs Temperature
Temperature (
°C)
0
1020
304050
6070
80
1
1.2
1.4
1.6
1.8
2
AIC1633-5
AIC1633/AIC1633-3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com