Electronic Components Datasheet Search
  English  ▼

X  

AIC1633CS Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1633CS
Description  2-Cell, 200mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1633CS Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1633CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1633CS Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AIC1633
7
AIC1633A (continued)
PIN 7: LBI
- The non-inverting input of the
battery low detector, of which the
inverting
input
is
internally
connects
to
1.22V
voltage
reference.
PIN 8: VOUT- The output voltage feedbacks to
the IC through this pin. If output
voltage was externally set, the
VOUT pin can be tied to any low
impedance node with voltage
between the external power switch
threshold and 7V
APPLICATION EXAMPLES
1N5819
D1
+VIN
+VOUT
(+3V)
LOAD
L1
82
µH
+
22
µF
C1
470
Ω
R1
+
AIC1633-3
CGND
SGND
SW
ILIM/SD
VOUT
LBO
VIN
LBI
C2
22
µF
95
0
30
60
9 0
120
150
75
80
90
85
70
65
Load Current (mA)
VIN=3.0V
VIN=2.2V
VIN=2.0V
VIN=1.8V
Fig. 1
3V Output Step-Up Converter
L1
82
µH
22
µF
C2
22
µF
C1
470
Ω
R1
(+5V)
1N5819
D1
+VIN
+VOUT
+
LOAD
+
AIC1633-5
CGND
SGND
SW
ILIM/SD
VOUT
LBO
VIN
LBI
Load Current (mA)
0
2040
6080
100
120
140
160
65
70
75
80
85
90
95
VIN=4.5V
VIN=3.0V
VIN=2.2V
VIN=1.8V
Fig. 2
5V Output Step-Up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com